Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8141ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8141ACPZ-R2
Description  Low Cost, Triple Differential Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8141ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8141ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8141/AD8142
Data Sheet
Rev. B | Page 10 of 24
–20
–30
–40
–50
–60
–70
1
10
100
1k
FREQUENCY (MHz)
ΔVOUT, dm/ΔVIN, cm
ΔVIN, cm = 1V p-p
Figure 18. Common-Mode Rejection vs. Frequency
100k
10k
1k
100
10
1
10
100
1k
FREQUENCY (MHz)
DIRECTLY AT DRIVER OUTPUT
Figure 19. Disabled Output Impedance Magnitude vs. Frequency
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
0
5
10
15
20
25
30
35
40
45
50
TIME (ns)
AD8141
AD8142
Figure 20. Small Signal Transient Response
–30
–40
–50
–60
–70
–80
–90
1
10
100
1k
FREQUENCY (MHz)
±2.5V SUPPLIES
ΔSUPPLY = ±0.5V
AD8141 VS+
AD8141 VS
AD8142 VS+
AD8142 VS
Figure 21. Power Supply Rejection vs. Frequency
–5
0
5
10
15
20
25
30
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
40
80
120
160
200
240
280
320
360
400
TIME (ns)
VS+ = +2.5V
VS– = –2.5V
VIN = 0.7VDC
VOCM = GND
DIS PIN
DIFFERENTIAL OUTPUT
Figure 22. Disable Response Time
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
5
10
15
20
25
30
35
40
45
50
TIME (ns)
AD8141
AD8142
Figure 23. Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com