Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8141ACPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8141ACPZ-R2
Description  Low Cost, Triple Differential Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8141ACPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8141ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD8141/AD8142
Rev. B | Page 13 of 24
–2.5
2.5
7.5
12.5
17.5
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
0
102030405060
7080
90
100
TIME (ns)
RCM
GCM
BCM
HSYNC
VSYNC
SYNC LEVEL = 0.5V
Figure 34. AD8142 Output Common-Mode Signals for Various Sync Pulse Inputs
BASIC TEST CIRCUIT
1kΩ
50Ω
2kΩ
+5V
1kΩ
50Ω
2kΩ
AD8141/AD8142
RL, dm 200Ω
VOUT, dm
VS–
VS+
+
VTEST
52.3Ω
52.3Ω
0.1µF ON ALL VS+ PINS
MIDSUPPLY
TEST
SIGNAL
SOURCE
Figure 35. Basic Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com