Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8141ACPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8141ACPZ-R2
Description  Low Cost, Triple Differential Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8141ACPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8141ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8141/AD8142
Data Sheet
Rev. B | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VS+ = 5 V, VS− = 0 V, RL,dm = 200 Ω, TA = 25°C, VOCM = 1.5 V (AD8141), HSYNC, VSYNC, and SYNC LEVEL = 0 V (AD8142), unless otherwise noted.
9
6
3
0
–3
–6
1
10
100
1k
FREQUENCY (MHz)
VOUT, dm = 200mV p-p
AD8141
AD8142
Figure 6. Small Signal Frequency Response
9
6
3
0
–3
–6
–9
–12
1
10
100
1k
FREQUENCY (MHz)
VOUT, dm = 200mV p-p
Figure 7. Small Signal Frequency Response at VOCM = 2.5 V (AD8141)
6.7
6.6
6.5
6.4
6.3
6.2
6.1
6.0
5.9
5.8
5.7
1
10
100
1k
FREQUENCY (MHz)
VOUT, dm = 200mV p-p
AD8141
AD8142
Figure 8. Small Signal 0.1 dB Flatness
9
6
3
0
–3
–6
1
10
100
1k
FREQUENCY (MHz)
VOUT, dm = 2V p-p
AD8141
AD8142
Figure 9. Large Signal Frequency Response
9
6
3
0
–3
–6
–9
–12
1
10
100
1k
FREQUENCY (MHz)
VOUT, dm = 2V p-p
Figure 10. Large Signal Frequency Response at VOCM = 2.5 V (AD8141)
6.7
6.6
6.5
6.4
6.3
6.2
6.1
6.0
5.9
5.8
5.7
1
10
100
1k
FREQUENCY (MHz)
VOUT, dm = 2V p-p
AD8141
AD8142
Figure 11. Large Signal 0.1 dB Flatness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com