Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8141ACPZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8141ACPZ-R2
Description  Low Cost, Triple Differential Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8141ACPZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  AD8141ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD8141/AD8142
Data Sheet
Rev. B | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagrams............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
Maximum Power Dissipation ..................................................... 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Typical Performance Characteristics ............................................. 8
Basic Test Circuit........................................................................ 13
Terminology .................................................................................... 14
Theory of Operation ...................................................................... 15
Analyzing an Application Circuit............................................. 15
Closed-Loop Gain ...................................................................... 15
Calculating an Application Circuit’s Input Impedance ......... 15
Input Common-Mode Voltage Range in Single-Supply
Applications ................................................................................ 16
Terminating a Single-Ended Input........................................... 16
Driving a Capacitive Load......................................................... 17
Disable ......................................................................................... 17
AD8142 Sync-On-Common-Mode......................................... 17
Applications Information .............................................................. 18
Driving RGB Video Over Cat-5 Cable .................................... 18
Single 5 V Supply Application Information............................ 19
AD8142 Signal Levels on Various Supplies ............................ 20
Disable Feature ........................................................................... 20
Driving Multiple Outputs.......................................................... 21
Video Sync-On-Common-Mode (AD8142)........................... 21
Layout and Power Supply Decoupling Considerations......... 22
Amplifier-to-Amplifier Isolation ............................................. 22
Exposed Paddle (EPAD)............................................................ 22
Typical AD8142 5 V Application Circuit................................ 23
Outline Dimensions....................................................................... 24
Ordering Guide .......................................................................... 24
REVISION HISTORY
3/2017—Rev. A to Rev. B
Updated Outline Dimensions....................................................... 24
Changes to Ordering Guide .......................................................... 24
4/2013—Rev. 0 to Rev. A
Changed Gain to Green Common-Mode Output Maximum
Parameter from 1.2 V/V to 2.20 V/V; Table 1............................... 3
7/2011—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com