Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8141ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8141ACPZ-R2
Description  Low Cost, Triple Differential Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8141ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8141ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8141/AD8142
Data Sheet
Rev. B | Page 14 of 24
TERMINOLOGY
Differential Voltage
Differential voltage refers to the difference between two node
voltages that are balanced with respect to each other. For example,
in Figure 36, the output differential voltage (or output differential
mode voltage) is defined as
VOUT, dm = (VOP − VON)
Common-mode voltage refers to the average of two node voltages
with respect to a common reference (usually the local ground).
The output common-mode voltage is defined as
2
)
(
,
ON
OP
cm
OUT
V
V
V
+
=
Output Balance
Output balance is a measure of how well the differential output
signals are matched in amplitude and how close they are to exactly
180° apart in phase. Balance can be easily determined by placing a
well-matched resistor divider between the differential output
voltage nodes and comparing the magnitude of the signal at the
divider’s midpoint with the magnitude of the differential signal.
By this definition, output balance error is the magnitude of the
change in output common-mode voltage divided by the magnitude
of the change in output differential-mode voltage in response to
a differential input signal.
dm
OUT
cm
OUT
V
V
Error
Balance
Output
,
,
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com