Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336-EVALZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5336-EVALZ
Description  Cascadable IF VGAs with Programmable RMS Detectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336-EVALZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5336-EVALZ Datasheet HTML 2Page - Analog Devices ADL5336-EVALZ Datasheet HTML 3Page - Analog Devices ADL5336-EVALZ Datasheet HTML 4Page - Analog Devices ADL5336-EVALZ Datasheet HTML 5Page - Analog Devices ADL5336-EVALZ Datasheet HTML 6Page - Analog Devices ADL5336-EVALZ Datasheet HTML 7Page - Analog Devices ADL5336-EVALZ Datasheet HTML 8Page - Analog Devices ADL5336-EVALZ Datasheet HTML 9Page - Analog Devices ADL5336-EVALZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ADL5336
Data Sheet
Rev. C | Page 6 of 30
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltages (VPOS, VPSD)
5.5 V
LE, CLK, DATA, SDO
VPOS + 0.5 V
ENBL, MODE
VPOS + 0.5 V
INP1, INM1, IP2A, IM2A, IP2B, IM2B
VPOS + 0.5 V
OPP1, OPM1, OPP2, OPM2
VPOS + 0.5 V
DTO1, DTO2, GAIN1, GAIN2
VPOS/2 + 0.5 V
Internal Power Dissipation
530 mW
θJA (With Pad Soldered to Board)
37.4°C/W
Maximum Junction Temperature
150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com