Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336-EVALZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5336-EVALZ
Description  Cascadable IF VGAs with Programmable RMS Detectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336-EVALZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5336-EVALZ Datasheet HTML 3Page - Analog Devices ADL5336-EVALZ Datasheet HTML 4Page - Analog Devices ADL5336-EVALZ Datasheet HTML 5Page - Analog Devices ADL5336-EVALZ Datasheet HTML 6Page - Analog Devices ADL5336-EVALZ Datasheet HTML 7Page - Analog Devices ADL5336-EVALZ Datasheet HTML 8Page - Analog Devices ADL5336-EVALZ Datasheet HTML 9Page - Analog Devices ADL5336-EVALZ Datasheet HTML 10Page - Analog Devices ADL5336-EVALZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Data Sheet
ADL5336
Rev. C | Page 7 of 30
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. EXPOSED PADDLE. CONNECT TO LOW
IMPEDANCE GROUND PAD.
VCM1
VPOS
INP1
INM1
VPOS
COM
MODE
ENBL
VCM2
VPOS
OPP2
OPM2
VPOS
COM
SDO
DATA
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
ADL5336
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 24
VCM1, VCM2
Common-Mode Voltages. Decouple to common for ac-coupled operation.
2, 5, 14, 20, 23
VPOS, VPSD
Analog and Digital Positive Supply Voltage (4.5 V to 5.5 V).
3, 4, 25, 26, 28, 29
INP1, INM1, IM2B,
IP2B, IM2A, IP2A
Differential Inputs. 200 Ω input impedance; ac coupling recommended.
6, 13, 19, 27, 32
COM, COMD
Analog and Digital Common. Connect via lowest possible impedance to external circuit common.
7
MODE
Gain Mode Control. Pull high for VGA mode, and pull low for AGC mode.
8
ENBL
Chip Enable. Pull high to enable.
9, 11
GAIN1, GAIN2
Analog Gain Control (0 V to 1 V).
10, 12
DTO1, DTO2
Detector Outputs (0.1 V to VPOS/2 Range).
15, 16, 17, 18
LE, CLK, DATA, SDO
SPI Programming and Data Readout Pins. CMOS levels VLOW < 1.8 V, VHIGH > 2.2 V.
21, 22, 30, 31
OPM2, OPP2,
OPM1, OPP1
Differential Outputs. Low output impedance; ac coupling recommended.
EPAD
Exposed Paddle. Connect to low impedance ground pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com