Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336-EVALZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5336-EVALZ
Description  Cascadable IF VGAs with Programmable RMS Detectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336-EVALZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5336-EVALZ Datasheet HTML 21Page - Analog Devices ADL5336-EVALZ Datasheet HTML 22Page - Analog Devices ADL5336-EVALZ Datasheet HTML 23Page - Analog Devices ADL5336-EVALZ Datasheet HTML 24Page - Analog Devices ADL5336-EVALZ Datasheet HTML 25Page - Analog Devices ADL5336-EVALZ Datasheet HTML 26Page - Analog Devices ADL5336-EVALZ Datasheet HTML 27Page - Analog Devices ADL5336-EVALZ Datasheet HTML 28Page - Analog Devices ADL5336-EVALZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Data Sheet
ADL5336
Rev. C | Page 25 of 30
EVALUATION BOARD LAYOUT
An evaluation board is available for testing the ADL5336. The evaluation board schematic is shown in Figure 70. Table 11 provides the
component values and suggestions for modifying the component values for the various modes of operation.
32
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
VPOS
DATA
VCM2
SDO
COM
OPM2
OPP2
VPOS
ENBL
INM1
VPOS
VPOS
MODE
INP1
COM
VCM1
ADL5336
0.1µF
C6
C22
open
C26
0Ω
R12
DIG_VPOS
VPOS
C2
10µF
0.1µF
C7
VCM1
0.1µF
C5
VPOS
VPOS
0.1µF
P5
GAIN1
R1
C12
0.1µF
0Ω
R2
C13
0.1µF
0Ω
P4
GAIN2
C16
0.1µF
open
C27
0Ω
R9
open
C28
0Ω
R11
open
C29
0Ω
R10
C18
VPOS
0.1µF
C25
0.1µF
C17
0.1µF
VCM2
C9
0.1µF
C8
0.1µF
OUTPUT1
open
R14
open
R15
6
4
3
1
2
T2
0.1µF
C21
C4
0.1µF
6
1
T1
2
4
3
0.1µF
C3
6
4
3
1
2
T4
0.1µF
C24
C15
0.1µF
C14
0.1µF
INPUT3
open
R4
open
R3
C11
0.1µF
C23
0.1µF
2
1
0.1µF
C10
3
6
4
INPUT2
T5
20
0.1µF
0.1µF
C19
37.4Ω
R6
37.4Ω
R5
OUTPUT2
R8
24.9Ω
R7
24.9Ω
5
1
4
3
T3
VPOS
P2
VPOS
P3
C1
10µF
L2
33µH
L1
33µH
VPOSD
VPOS
COM
COMD
INPUT1
SDO
DATA
CLK
LE
open
R13
Legend
Net Name
Test Point
SMA Input/Output
Digital ground
Analog ground
Jumper
–
–
–
–
–
–
Figure 70. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com