Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336-EVALZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5336-EVALZ
Description  Cascadable IF VGAs with Programmable RMS Detectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336-EVALZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5336-EVALZ Datasheet HTML 4Page - Analog Devices ADL5336-EVALZ Datasheet HTML 5Page - Analog Devices ADL5336-EVALZ Datasheet HTML 6Page - Analog Devices ADL5336-EVALZ Datasheet HTML 7Page - Analog Devices ADL5336-EVALZ Datasheet HTML 8Page - Analog Devices ADL5336-EVALZ Datasheet HTML 9Page - Analog Devices ADL5336-EVALZ Datasheet HTML 10Page - Analog Devices ADL5336-EVALZ Datasheet HTML 11Page - Analog Devices ADL5336-EVALZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ADL5336
Data Sheet
Rev. C | Page 8 of 30
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, TA = 25°C, ZS = 200 Ω, ZL VGA1 = 200 Ω, ZL VGA2 = 100 Ω, RF input = −20 dBm at 140 MHz, unless otherwise noted. Gain code =
11, VGAIN = 1 V, setpoint code = 000, MODE = 5 V (VGA mode) for both amplifiers, unless otherwise noted.
–40
–30
–20
–10
0
10
20
10M
100M
1G
FREQUENCY (Hz)
0mV
200mV
400mV
600mV
800mV
1000mV
GAIN1
Figure 5. Gain vs. Frequency over VGAIN at Gain Code 11 for VGA1
–25
–20
–15
–10
–5
0
5
100M
1G
FREQUENCY (Hz)
GAIN CODE 00
GAIN CODE 01
GAIN CODE 10
GAIN CODE 11
Figure 6. Gain vs. Frequency over Gain Code at VGAIN = 0.5 V for VGA1
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–15
–10
–5
0
5
10
15
20
0
100
200
300
400
500
600
700
800
900 1000
GAIN1 (mV)
140MHz
350MHz
140MHz
350MHz
Figure 7. Gain vs. VGAIN over Frequency at Gain Code 11 for VGA1
–50
–40
–30
–20
–10
0
10
20
30
10M
100M
1G
FREQUENCY (Hz)
0mV
200mV
400mV
600mV
800mV
1000mV
GAIN2
Figure 8. Gain vs. Frequency over VGAIN at Gain Code 11 for VGA2
–30
–25
–20
–15
–10
–5
0
5
10
10M
100M
1G
FREQUENCY (Hz)
GAIN CODE 00
GAIN CODE 01
GAIN CODE 10
GAIN CODE 11
Figure 9. Gain vs. Frequency over Gain Code at VGAIN = 0.5 V for VGA2
–4
–3
–2
–1
0
1
2
3
4
0
100
200
300
400
500
600
700
800
900 1000
GAIN1 (mV)
–5
0
5
10
15
20
25
140MHz
350MHz
140MHz
350MHz
Figure 10. Gain vs. VGAIN over Frequency at Gain Code 11 for VGA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com