Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336-EVALZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5336-EVALZ
Description  Cascadable IF VGAs with Programmable RMS Detectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336-EVALZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5336-EVALZ Datasheet HTML 13Page - Analog Devices ADL5336-EVALZ Datasheet HTML 14Page - Analog Devices ADL5336-EVALZ Datasheet HTML 15Page - Analog Devices ADL5336-EVALZ Datasheet HTML 16Page - Analog Devices ADL5336-EVALZ Datasheet HTML 17Page - Analog Devices ADL5336-EVALZ Datasheet HTML 18Page - Analog Devices ADL5336-EVALZ Datasheet HTML 19Page - Analog Devices ADL5336-EVALZ Datasheet HTML 20Page - Analog Devices ADL5336-EVALZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Data Sheet
ADL5336
Rev. C | Page 17 of 30
THEORY OF OPERATION
CIRCUIT DESCRIPTION
The ADL5336 contains two differential VGAs, each with a
programmable, internally connected, square law detector. VGA2
includes an input select switch that allows the user to choose
between two sets of differential inputs.
The signal path of each VGA, shown in Figure 59 and Figure 60,
consists of a variable input attenuator followed by a programmable
gain amplifier (PGA).
The input attenuator is built from an 18-section resistor ladder,
providing 1.34 dB of attenuation at each successive tap point.
The resistor ladder acts as a linear input attenuator, in addition
to providing an accurate 200 Ω input impedance. The variable
transconductance (gm) stages are used to select the attenuated
signal from the appropriate tap point along the ladder and feed
this signal to the fixed gain amplifier. To realize a continuous
gain control function from discrete tap points, the gain interpolator
creates a weighted sum of signals appearing on adjacent tap points
by carefully controlling the variable gm stages.
The weighted sum of the different tap points is fed into the
programmable gain stage. The programmable gain stage achieves
its different gain settings by changing the feedback network of
the amplifier.
The input attenuator and gm stages provide analog gain control
of 24 dB, whereas the programmable gain amplifier sets the
maximum gain of each VGA.
Table 4. VGA Gain Range
Maximum Gain Word
VGA1
VGA2
VGA1 Range (dB)
VGA2 Range (dB)
0
0
−14.5 to +9.5
−10 to +14
0
1
−12 to +12.0
−7.1 to +16.9
1
0
−10 to +14.0
−5 to +19
1
1
−8.4 to +15.6
−3.1 to +20.9
ATTENUATOR LADDER
200Ω
0dB
–1.4dB
–2.8dB
–23.8dB
OPP1
INP1
GAIN1
MODE
GAIN INTERPOLATOR
PGA
INM1
–22.4dB
gm STAGES
OPM1
PGA LINEAR
VOLTAGE GAIN:
G = 3, 4, 5, 6
Figure 59. VGA1 Functional Block Diagram
PGA LINEAR
VOLTAGE GAIN:
G = 5, 7, 9, 11
IP2A
IM2A
IP2B
IM2B
ATTENUATOR LADDER
200Ω
0dB
–1.4dB
–2.8dB
–23.8dB
OPP2
GAIN2
MODE
GAIN INTERPOLATOR
PGA
–22.4dB
gm STAGES
OPM2
Figure 60. VGA2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com