Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336-EVALZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5336-EVALZ
Description  Cascadable IF VGAs with Programmable RMS Detectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336-EVALZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5336-EVALZ Datasheet HTML 5Page - Analog Devices ADL5336-EVALZ Datasheet HTML 6Page - Analog Devices ADL5336-EVALZ Datasheet HTML 7Page - Analog Devices ADL5336-EVALZ Datasheet HTML 8Page - Analog Devices ADL5336-EVALZ Datasheet HTML 9Page - Analog Devices ADL5336-EVALZ Datasheet HTML 10Page - Analog Devices ADL5336-EVALZ Datasheet HTML 11Page - Analog Devices ADL5336-EVALZ Datasheet HTML 12Page - Analog Devices ADL5336-EVALZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Data Sheet
ADL5336
Rev. C | Page 9 of 30
–3
–2
–1
0
1
2
3
4
–15
–10
–5
0
5
10
15
20
0
100
200
300
400
500
600
700
800
900 1000
GAIN1 (mV)
–40°C
+25°C
+85°C
–40°C
+25°C
+85°C
Figure 11. Gain Conformance over Temperature for VGA1
0
5
10
15
20
25
30
35
–7
–2
3
8
13
18
23
28
0
100
200
300
400
500
600
700
800
900 1000
GAIN1 (mV)
GAIN CODE 11
GAIN CODE 00
Figure 12. OIP3 vs. VGAIN over Gain Code for VGA1
0
5
10
15
20
25
30
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
VPOS (V)
–7
–2
3
8
13
18
23
Figure 13. OIP3 vs. Supply Voltage at VGAIN = 0.5 V for VGA1
–4
–3
–2
–1
0
1
2
3
4
0
100
200
300
400
500
600
700
800
900 1000
GAIN1 (mV)
–10
–5
0
5
10
15
20
25
–40°C
+25°C
+85°C
–40°C
+25°C
+85°C
Figure 14. Gain Conformance over Temperature for VGA2
0
5
10
15
20
25
30
35
40
0
100
200
300
400
500
600
700
800
900 1000
GAIN2 (mV)
GAIN CODE 11
GAIN CODE 00
–10
–5
0
5
10
15
20
30
25
Figure 15. OIP3 vs. VGAIN over Gain Code for VGA2
0
5
10
15
20
25
30
35
40
4.54.6
4.74.8
4.95.0
5.15.25.3
5.45.5
VPOS (V)
–10
–5
0
5
10
15
20
30
25
Figure 16. OIP3 vs. Supply Voltage at VGAIN = 0.5 V for VGA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com