Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1908 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1908
Description  Low-Cost Multichemistry Battery Chargers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1908 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1908 Datasheet HTML 7Page - Maxim Integrated Products MAX1908 Datasheet HTML 8Page - Maxim Integrated Products MAX1908 Datasheet HTML 9Page - Maxim Integrated Products MAX1908 Datasheet HTML 10Page - Maxim Integrated Products MAX1908 Datasheet HTML 11Page - Maxim Integrated Products MAX1908 Datasheet HTML 12Page - Maxim Integrated Products MAX1908 Datasheet HTML 13Page - Maxim Integrated Products MAX1908 Datasheet HTML 14Page - Maxim Integrated Products MAX1908 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Low-Cost Multichemistry Battery Chargers
______________________________________________________________________________________
11
Pin Description
PIN
NAME
FUNCTION
1
DCIN
Charging Voltage Input. Bypass DCIN with a 1µF capacitor to PGND.
2
LDO
Device Power Supply. Output of the 5.4V linear regulator supplied from DCIN. Bypass with a 1µF capacitor to GND.
3
CLS
Source Current-Limit Input. Voltage input for setting the current limit of the input source.
4
REF
4.096V Voltage Reference. Bypass REF with a 1µF capacitor to GND.
5
CCS
Input-Current Regulation Loop-Compensation Point. Connect a 0.01µF capacitor to GND.
6
CCI
Output-Current Regulation Loop-Compensation Point. Connect a 0.01µF capacitor to GND.
7
CCV
Voltage Regulation Loop-Compensation Point. Connect 1k
Ω in series with 0.1µF capacitor to GND.
8
SHDN
Shutdown Control Input. Drive SHDN logic low to shut down the MAX1908/MAX8724. Use with a thermistor to
detect a hot battery and suspend charging.
9
ICHG
Charge-Current Monitor Output. ICHG is a scaled-down replica of the charger output current. Use ICHG to
monitor the charging current and detect when the chip changes from constant-current mode to constant-
voltage mode. The transconductance of (CSIP - CSIN) to ICHG is 3µA/mV.
10
ACIN
AC Detect Input. Input to an uncommitted comparator. ACIN can be used to detect AC-adapter presence.
11
ACOK
AC Detect Output. High-voltage open-drain output is high impedance when VACIN is less than VREF / 2.
12
REFIN
Reference Input. Allows the ICTL and VCTL inputs to have ratiometric ranges for increased accuracy.
13
ICTL
Output Current-Limit Set Input. ICTL input voltage range is VREFIN / 32 to VREFIN. The device shuts down if
ICTL is forced below VREFIN / 100. When ICTL is equal to LDO, the set point for CSIP - CSIN is 45mV.
14
GND
Analog Ground
15
VCTL
Output-Voltage Limit Set Input. VCTL input voltage range is 0 to VREFIN. When VCTL is equal to LDO, the set
point is (4.2 x CELLS) V.
16
BATT
Battery Voltage Input
17
CELLS
Cell Count Input. Trilevel input for setting number of cells. GND = 2 cells, float = 3 cells, REFIN = 4 cells.
18
CSIN
Output Current-Sense Negative Input
19
CSIP
Output Current-Sense Positive Input. Connect a current-sense resistor from CSIP to CSIN.
20
PGND
Power Ground
21
DLO
Low-Side Power MOSFET Driver Output. Connect to low-side NMOS gate.
22
DLOV
Low-Side Driver Supply. Bypass DLOV with a 1µF capacitor to GND.
23
LX
High-Side Power MOSFET Driver Power-Return Connection. Connect to the source of the high-side NMOS.
24
BST
High-Side Power MOSFET Driver Power-Supply Connection. Connect a 0.1µF capacitor from LX to BST.
25
DHI
High-Side Power MOSFET Driver Output. Connect to high-side NMOS gate.
26
CSSN
Input Current-Sense Negative Input
27
CSSP
Input Current-Sense Positive Input. Connect a current-sense resistor from CSSP to CSSN.
28
IINP
Input-Current Monitor Output. IINP is a scaled-down replica of the input current. IINP monitors the total
system current. The transconductance of (CSSP - CSSN) to IINP is 3µA/mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com