Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1908 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1908
Description  Low-Cost Multichemistry Battery Chargers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1908 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1908 Datasheet HTML 17Page - Maxim Integrated Products MAX1908 Datasheet HTML 18Page - Maxim Integrated Products MAX1908 Datasheet HTML 19Page - Maxim Integrated Products MAX1908 Datasheet HTML 20Page - Maxim Integrated Products MAX1908 Datasheet HTML 21Page - Maxim Integrated Products MAX1908 Datasheet HTML 22Page - Maxim Integrated Products MAX1908 Datasheet HTML 23Page - Maxim Integrated Products MAX1908 Datasheet HTML 24Page - Maxim Integrated Products MAX1908 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
The 22µF ceramic capacitor has a typical ESR of
0.003
Ω, which sets the output zero at 2.412MHz.
The output pole is set at:
where:
Set the compensation zero (fZ_CV) such that it is equiv-
alent to the output pole (fP_OUT = 1.08kHz), effectively
producing a pole-zero cancellation and maintaining a
single-pole system response:
Choose CCV = 100nF, which sets the compensation
zero (fZ_CV) at 1.6kHz. This sets the compensation pole:
CCI Loop Definitions
Compensation of the CCI loop depends on the parame-
ters and components shown in Figure 7. CCI is the CCI
loop compensation capacitor. ACSI is the internal gain
of the current-sense amplifier. RS2 is the charge cur-
rent-sense resistor, RS2 = 15m
Ω. ROGMI is the equiva-
lent output impedance of the GMI amplifier
≥ 10MΩ.
GMI is the charge-current amplifier transconductance
= 1µA/mV. GMOUT is the DC-DC converter transcon-
ductance = 3.3A/V. The CCI loop is a single-pole sys-
tem with a dominant pole compensation set by fP_CI:
The loop transfer function is given by:
Since:
The loop transfer function simplifies to:
LTF
GMI
R
sR
C
OGMI
OGMI
CI
1
GM
ARS
OUT
CSI
=
×
1
2
LTF
GM
A
RS
GMI
R
sR
C
OUT
CSI
OGMI
OGMI
CI
×
×
2
1
f
RC
PCI
OGMI
CI
_
=
×
1
2
π
f
RC
Hz
PCV
OGMV
CV
_
.
=
×
=
1
2
016
π
C
R
kHz
nF
CV
CV
=
×
=
1
21 08
147
π
.
f
RC
ZCV
CV
CV
_
=
×
1
2
π
R
V
I
Battery ESR
L
BATT
CHG
==
f
RC
kHz
P OUT
L
OUT
_
.
=
×
=
1
2
108
π
Low-Cost Multichemistry Battery Chargers
______________________________________________________________________________________
21
CCV LOOP GAIN
vs. FREQUENCY
FREQUENCY (Hz)
100k
10k
1k
100
10
-40
-20
0
20
40
60
80
-60
11M
CCV LOOP PHASE
vs. FREQUENCY
FREQUENCY (Hz)
100k
10k
1k
100
10
-120
-105
-90
-75
-60
-45
-135
11M
Figure 6. CCV Loop Gain/Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com