Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1908 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1908
Description  Low-Cost Multichemistry Battery Chargers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1908 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1908 Datasheet HTML 9Page - Maxim Integrated Products MAX1908 Datasheet HTML 10Page - Maxim Integrated Products MAX1908 Datasheet HTML 11Page - Maxim Integrated Products MAX1908 Datasheet HTML 12Page - Maxim Integrated Products MAX1908 Datasheet HTML 13Page - Maxim Integrated Products MAX1908 Datasheet HTML 14Page - Maxim Integrated Products MAX1908 Datasheet HTML 15Page - Maxim Integrated Products MAX1908 Datasheet HTML 16Page - Maxim Integrated Products MAX1908 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Low-Cost Multichemistry Battery Chargers
______________________________________________________________________________________
13
DCIN
LDO
MAX1908
MAX8724
CLS
REF
GND
CELLS
DLOV
AC ADAPTER INPUT
8.5V TO 28V
12.6V OUTPUT VOLTAGE
7.5A INPUT
CURRENT LIMIT
DHI
D3
BST
SMART
BATTERY
HOST
ACIN
D2
R6
59k
1%
R7
19.6k
1%
C5
1
µF
VCTL
ICTL
REFIN
ACOK
ICHG
IINP
R8
1M
R9
20k
R10
10k
C14
0.1
µF
C20
0.1
µF
CCV
C11
0.1
µF
R5
1k
CCI
CCS
C10
0.01
µF
C9
0.01
µF
C12
1
µF
C1
2
× 10µF
C13
1
µF
C15
0.1
µF
LX
C16
1
µF
LDO
R13
33
CSSP
CSSN
(FLOAT-THREE CELLS SELECT)
D1
RS1
0.01
L1
10
µH
RS2
0.015
CSIP
CSIN
PGND
DLO
N1b
N1a
BATT
C4
22
µF
BATT+
R19, R20, R21
10k
AVDD/REF
SCL
SDA
TEMP
BATT-
A/D INPUT
A/D INPUT
OUTPUT
D/A OUTPUT
VCC
SCL
SDA
A/D INPUT
GND
PGND
GND
TO EXTERNAL
LOAD
SHDN
0.1
µF
0.1
µF
Figure 1. µC-Controlled Typical Application Circuit
Typical Application Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com