Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1908 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX1908
Description  Low-Cost Multichemistry Battery Chargers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1908 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX1908 Datasheet HTML 19Page - Maxim Integrated Products MAX1908 Datasheet HTML 20Page - Maxim Integrated Products MAX1908 Datasheet HTML 21Page - Maxim Integrated Products MAX1908 Datasheet HTML 22Page - Maxim Integrated Products MAX1908 Datasheet HTML 23Page - Maxim Integrated Products MAX1908 Datasheet HTML 24Page - Maxim Integrated Products MAX1908 Datasheet HTML 25Page - Maxim Integrated Products MAX1908 Datasheet HTML 26Page - Maxim Integrated Products MAX1908 Datasheet HTML 27Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
the charge-current amplifier transconductance = 1µA/mV.
GMIN is the DC-DC converter transconductance =
3.3A/V. The CCS loop is a single-pole system with a dom-
inant pole compensation set by fP_CS:
The loop transfer function is given by:
Since:
Then, the loop transfer function simplifies to:
The crossover frequency is given by:
The CCS loop dominant compensation pole:
where the GMS amplifier output impedance, ROGMS =
10M
Ω.
To calculate the CCI loop compensation pole, CCS:
GMS = 1µA/mV
GMIN = 3.33A/V
ROGMS = 10M
Ω
f = 400kHz
f
RC
PCS
OGMS
CS
_
=
×
1
2
π
f
GMS
C
CO CS
CS
_
=
2
π
LTF
GMS
R
sR
C
OGMS
OGMS
CS
=×
+×
1
GM
ARS
IN
CSS
=
×
1
1
LTF
GM
A
RS
GMS
R
sR
C
IN
CSS
OGMS
OGMS
CS
=×
×
×
×
+×
1
1
f
RC
PCS
OGMS
CS
_
=
×
1
2
π
Low-Cost Multichemistry Battery Chargers
______________________________________________________________________________________
23
GMIN
CCS
GMS
CLS
CCS
ROGMS
CSSP
CSSN
CSS
RS1
Figure 9. CCS Loop Diagram
CCS LOOP GAIN
vs. FREQUENCY
FREQUENCY (Hz)
100k
10k
110
100
1k
-40
-20
0
20
40
60
80
100
-60
0.1
1M
CCS LOOP PHASE
vs. FREQUENCY
FREQUENCY (Hz)
100k
10k
1k
100
10
1
-90
-75
-60
-45
-30
-15
0
-105
0.1
1M
Figure 10. CCS Loop Gain/Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com