Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1908 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1908
Description  Low-Cost Multichemistry Battery Chargers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1908 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1908 Datasheet HTML 1Page - Maxim Integrated Products MAX1908 Datasheet HTML 2Page - Maxim Integrated Products MAX1908 Datasheet HTML 3Page - Maxim Integrated Products MAX1908 Datasheet HTML 4Page - Maxim Integrated Products MAX1908 Datasheet HTML 5Page - Maxim Integrated Products MAX1908 Datasheet HTML 6Page - Maxim Integrated Products MAX1908 Datasheet HTML 7Page - Maxim Integrated Products MAX1908 Datasheet HTML 8Page - Maxim Integrated Products MAX1908 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
General Description
The MAX1908/MAX8724 highly integrated, multichemistry
battery-charger control ICs simplify the construction of
accurate and efficient chargers. These devices use ana-
log inputs to control charge current and voltage, and can
be programmed by the host or hardwired. The MAX1908/
MAX8724 achieve high efficiency using a buck topology
with synchronous rectification.
The MAX1908/MAX8724 feature input current limiting.
This feature reduces battery charge current when the
input current limit is reached to avoid overloading the AC
adapter when supplying the load and the battery charger
simultaneously. The MAX1908/MAX8724 provide outputs
to monitor current drawn from the AC adapter (DC input
source), battery-charging current, and the presence of
an AC adapter. The MAX1908’s conditioning charge fea-
ture provides 300mA to safely charge deeply discharged
lithium-ion (Li+) battery packs.
The MAX1908 includes a conditioning charge feature
while the MAX8724 does not.
The MAX1908/MAX8724 charge two to four series Li+
cells, providing more than 5A, and are available in a
space-saving 28-pin thin QFN package (5mm
× 5mm).
An evaluation kit is available to speed designs.
Applications
Notebook and Subnotebook Computers
Personal Digital Assistants
Hand-Held Terminals
Features
♦ ±0.5% Output Voltage Accuracy Using Internal
Reference (0°C to +85°C)
♦ ±4% Accurate Input Current Limiting
♦ ±5% Accurate Charge Current
♦ Analog Inputs Control Charge Current and
Charge Voltage
♦ Outputs for Monitoring
Current Drawn from AC Adapter
Charging Current
AC Adapter Presence
♦ Up to 17.6V Battery-Voltage Set Point
♦ Maximum 28V Input Voltage
♦ >95% Efficiency
♦ Shutdown Control Input
♦ Charges Any Battery Chemistry
Li+, NiCd, NiMH, Lead Acid, etc.
Low-Cost Multichemistry Battery Chargers
________________________________________________________________ Maxim Integrated Products
1
28
27
26
25
24
23
22
89
10
11
12
13
14
15
16
17
18
19
20
21
VCTL
BATT
CELLS
CSIN
CSIP
PGND
DLO
7
6
5
4
3
2
1
CCV
CCI
CCS
REF
CLS
LDO
DCIN
MAX1908
MAX8724
THIN QFN
TOP VIEW
Pin Configuration
Ordering Information
MAX1908
MAX8724
AC ADAPTER
INPUT
TO EXTERNAL
LOAD
LDO
FROM HOST
µP
10
µH
0.015
Ω
BATT+
DCIN
REFIN
VCTL
ICTL
ACIN
ACOK
SHDN
ICHG
IINP
CCV
CCI
CCS
CELLS
LDO
BST
DLOV
DHI
LX
DLO
PGND
CSIP
CSIN
BATT
REF
CLS
GND
CSSP
CSSN
0.01
Ω
Minimum Operating Circuit
19-2764; Rev 2; 7/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX1908ETI
-40°C to +85°C
28 Thin QFN
MAX8724ETI
-40°C to +85°C
28 Thin QFN


Similar Part No. - MAX1908

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908 Datasheet
403Kb / 29P
Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1908 MAXIM-MAX1908 Datasheet
347Kb / 30P
Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
MAX1908ETI MAXIM-MAX1908ETI Datasheet
403Kb / 29P
Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1908ETI+ MAXIM-MAX1908ETI+ Datasheet
347Kb / 30P
Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
More results

Similar Description - MAX1908

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1772 MAXIM-MAX1772 Datasheet
340Kb / 20P
Low-Cost, Multichemistry Battery- Charger Building Block
19-1772; Rev 2; 5/02
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
logo
Motorola, Inc
AN1593 MOTOROLA-AN1593 Datasheet
212Kb / 8P
LOW COST 1.0 A CURRENT SOURCE FOR BATTERY CHARGERS
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1772 MAXIM-MAX1772_09 Datasheet
223Kb / 20P
Low-Cost, Multichemistry Battery-Charger Building Block
Rev 4; 2/09
MAX1908 MAXIM-MAX1908_09 Datasheet
347Kb / 30P
Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Unisonic Technologies
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
BATTERY CHARGERS
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
Multichemistry Battery Fuel Gauge
2007
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
Multichemistry Battery Chargers with Automatic System Power Selector
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com