Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1908 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1908
Description  Low-Cost Multichemistry Battery Chargers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1908 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1908 Datasheet HTML 8Page - Maxim Integrated Products MAX1908 Datasheet HTML 9Page - Maxim Integrated Products MAX1908 Datasheet HTML 10Page - Maxim Integrated Products MAX1908 Datasheet HTML 11Page - Maxim Integrated Products MAX1908 Datasheet HTML 12Page - Maxim Integrated Products MAX1908 Datasheet HTML 13Page - Maxim Integrated Products MAX1908 Datasheet HTML 14Page - Maxim Integrated Products MAX1908 Datasheet HTML 15Page - Maxim Integrated Products MAX1908 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Detailed Description
The MAX1908/MAX8724 include all the functions neces-
sary to charge Li+ batteries. A high-efficiency synchro-
nous-rectified step-down DC-DC converter controls
charging voltage and current. The device also includes
input source current limiting and analog inputs for set-
ting the charge current and charge voltage. Control
charge current and voltage using the ICTL and VCTL
inputs, respectively. Both ICTL and VCTL are ratiometric
with respect to REFIN, allowing compatibility with D/As
or microcontrollers (µCs). Ratiometric ICTL and VCTL
improve the accuracy of the charge current and voltage
set point by matching VREFIN to the reference of the
host. For standard applications, internal set points for
ICTL and VCTL provide 3A charge current (with 0.015
Ω
sense resistor), and 4.2V (per cell) charge voltage.
Connect ICTL and VCTL to LDO to select the internal set
points. The MAX1908 safely conditions overdischarged
cells with 300mA (with 0.015
Ω sense resistor) until the
battery-pack voltage exceeds 3.1V
× number of series-
connected cells. The SHDN input allows shutdown from
a microcontroller or thermistor.
The DC-DC converter uses external N-channel
MOSFETs as the buck switch and synchronous rectifier
to convert the input voltage to the required charging
current and voltage. The Typical Application Circuit
shown in Figure 1 uses a µC to control charging cur-
rent, while Figure 2 shows a typical application with
charging voltage and current fixed to specific values
for the application. The voltage at ICTL and the value of
RS2 set the charging current. The DC-DC converter
generates the control signals for the external MOSFETs
to regulate the voltage and the current set by the VCTL,
ICTL, and CELLS inputs.
The MAX1908/MAX8724 feature a voltage-regulation
loop (CCV) and two current-regulation loops (CCI and
CCS). The CCV voltage-regulation loop monitors BATT
to ensure that its voltage does not exceed the voltage
set by VCTL. The CCI battery current-regulation loop
monitors current delivered to BATT to ensure that it
does not exceed the current limit set by ICTL. A third
loop (CCS) takes control and reduces the battery-
charging current when the sum of the system load and
the battery-charging input current exceeds the input
current limit set by CLS.
Setting the Battery Regulation Voltage
The MAX1908/MAX8724 use a high-accuracy voltage
regulator for charging voltage. The VCTL input adjusts
the charger output voltage. VCTL control voltage can
vary from 0 to VREFIN, providing a 10% adjustment
range on the VBATT regulation voltage. By limiting the
adjust range to 10% of the regulation voltage, the exter-
nal resistor mismatch error is reduced from 1% to
0.05% of the regulation voltage. Therefore, an overall
voltage accuracy of better than 0.7% is maintained
while using 1% resistors. The per-cell battery termina-
tion voltage is a function of the battery chemistry.
Consult the battery manufacturer to determine this volt-
age. Connect VCTL to LDO to select the internal default
setting VBATT = 4.2V
× number of cells, or program the
battery voltage with the following equation:
CELLS is the programming input for selecting cell count.
Connect CELLS as shown in Table 1 to charge 2, 3, or 4
Li+ cells. When charging other cell chemistries, use
CELLS to select an output voltage range for the charger.
The internal error amplifier (GMV) maintains voltage
regulation (Figure 3). The voltage error amplifier is
compensated at CCV. The component values shown in
Figures 1 and 2 provide suitable performance for most
applications. Individual compensation of the voltage reg-
ulation and current-regulation loops allows for optimal
compensation (see the Compensation section).
V
CELLS
V
V
V
BATT
VCTL
REFIN
=×
+
×


40 4
.
Low-Cost Multichemistry Battery Chargers
12
______________________________________________________________________________________
Table 1. Cell-Count Programming
CELLS
CELL COUNT
GND
2
Float
3
VREFIN
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com