Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CBZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # SSM2518CBZ-R7
Description  Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CBZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button SSM2518CBZ-R7 Datasheet HTML 23Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 24Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 25Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 26Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 27Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 28Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 29Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 30Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Datasheet
SSM2518
Rev. B | Page 27 of 48
EDGE SPEED AND CLOCKING CONTROL REGISTER
Address: 0x01, Reset: 0x00, Name: Edge_Clock_Control
Table 14. Bit Descriptions for Edge_Clock_Control
Bits
Bit Name
Settings
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x00
RW
[2:1]
EDGE
Edge Rate Control. This limits the edge rate of the switching output stage.
The low EMI operation modes reduce the edge speed, lowering EMI and
power efficiency.
0x0
RW
00
No edge rate control
01
Low EMI
10
Lower EMI
11
Lowest EMI
0
ASR
Automatic Sample Rate Detection.
0x0
RW
0
Automatic detection enabled
1
Manual sample rate selection given by FS field, Bits[1:0] of Register 0x02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com