Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CBZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # SSM2518CBZ-R7
Description  Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CBZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button SSM2518CBZ-R7 Datasheet HTML 29Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 30Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 31Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 32Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 33Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 34Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 35Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 36Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Datasheet
SSM2518
Rev. B | Page 33 of 48
VOLUME AND MUTE CONTROL REGISTER
Address: 0x07, Reset: 0x81, Name: Volume_Mute_Control
Table 20. Bit Descriptions for Volume_Mute_Control
Bits
Bit Name
Settings
Description
Reset
Access
7
AMUTE
Automatic Mute Enable. After 2048 slots (1024 stereo samples) have been
received with zero data, the outputs mute until nonzero data arrives.
0x1
RW
0
Automute enabled
1
Automute disabled
6
RESERVED
Reserved.
0x0
RW
5
ANA_GAIN
Analog Gain. This sets the full-scale output level of the amplifier. The two
settings are scaled appropriately for 3.6 V and 5.0 V nominal supply
voltages.
0x0
RW
0
Matched to 3.6 V supply
1
Matched to 5.0 V supply
4
DEEMP_EN
Digital De-Emphasis Filter.
0x0
RW
0
De-emphasis disabled (normal operation)
1
De-emphasis enabled
3
VOL_LINK
Volume Link. When this bit is enabled, both channels respond to the left
channel volume register.
0x0
RW
0
Normal operation
1
Both channels linked to L_VOL (Register 0x05)
2
R_MUTE
Right Channel Soft Mute.
0x0
RW
0
Normal operation
1
Right channel muted
1
L_MUTE
Left Channel Soft Mute.
0x0
RW
0
Normal operation
1
Left channel muted
0
M_MUTE
Master Mute Control. This bit soft mutes both channels.
0x1
RW
0
Normal operation
1
Master mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com