Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CBZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # SSM2518CBZ-R7
Description  Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CBZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button SSM2518CBZ-R7 Datasheet HTML 21Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 22Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 23Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 24Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 25Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 26Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 27Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 28Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Datasheet
SSM2518
Rev. B | Page 25 of 48
REGISTER SUMMARY (REG_MAP)
Table 12. REG_MAP Register Summary
Reg Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x00 Reset_Power_Control
[7:0] S_RST
RESERVED
NO_BCLK
MCS
SPWDN
0x05 RW
0x01 Edge_Clock_Control
[7:0] RESERVED
EDGE
ASR
0x00 RW
0x02 Serial_Interface_Sample_Rate_Control
[7:0] RESERVED SDATA_FMT
SAI
FS
0x02 RW
0x03 Serial_Interface_Control
[7:0] BCLK_GEN LRCLK_MODE LRCLK_POL SAI_MSB
SLOT_WIDTH
BCLK_EDGE RESERVED
0x00 RW
0x04 Channel_Mapping_Control
[7:0] CH_SEL_R
CH_SEL_L
0x10 RW
0x05 Left_Volume_Control
[7:0] L_VOL
0x40 RW
0x06 Right_Volume_Control
[7:0] R_VOL
0x40 RW
0x07 Volume_Mute_Control
[7:0] AMUTE
RESERVED
ANA_GAIN DEEMP_EN VOL_LINK R_MUTE L_MUTE
M_MUTE
0x81 RW
0x08 Fault_Control_1
[7:0] OC_L
OC_R
OT
MRCV
MAX_AR
ARCV
0x0C RW
0x09 Power_Fault_Control
[7:0] AR_TIME
RESERVED
AMP_LPM DAC_LPM R_PWDN L_PWDN
APWDN_EN 0x99 RW
0x0A DRC_Control_1
[7:0] RESERVED PRE_VOL
LIM_EN
COMP_EN EXP_EN
NG_EN
DRC_EN
0x7C RW
0x0B DRC_Control_2
[7:0] PEAK_ATT
PEAK_REL
0x5B RW
0x0C DRC_Control_3
[7:0] DRC_LT
DRC_CT
0x57 RW
0x0D DRC_Control_4
[7:0] DRC_ET
DRC_NT
0x89 RW
0x0E DRC_Control_5
[7:0] DRC_SMAX
DRC_SMIN
0x8C RW
0x0F DRC_Control_6
[7:0] DRC_ATT
DRC_DEC
0x77 RW
0x10 DRC_Control_7
[7:0] HDT_NOR
HDT_NG
0x26 RW
0x11 DRC_Control_8
[7:0] RESERVED
DRC_POST_G
RESERVED
0x1C RW
0x12 DRC_Control_9
[7:0] RESERVED
RMS_TAV
0x07 RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com