Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CBZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # SSM2518CBZ-R7
Description  Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CBZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button SSM2518CBZ-R7 Datasheet HTML 15Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 16Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 17Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 18Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 19Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 20Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 21Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 22Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Datasheet
SSM2518
Rev. B | Page 19 of 48
specified in this register, analog clipping may occur within the
range of possible digital codes.
FAULT DETECTION AND RECOVERY
Three fault conditions are detected by the SSM2518 fault
detection system: left channel overcurrent, right channel
overcurrent, and overtemperature. When any of these is
detected, the amplifier shuts down and a read-only I2C bit is set
to indicate the cause of the shutdown. The OC_L, OC_R, and
OT fault indicators are Bit 7, Bit 6, and Bit 5 (respectively) of
Register 0x08.
An autorecovery feature can be enabled for temperature faults,
current faults, or both, depending on the state of ARCV (Bit 1
and Bit 0 of Register 0x08).
If autorecovery is enabled, the amplifier waits a short time
(10 ms, 20 ms, 40 ms, or 80 ms) and attempts to recover. The
recovery delay is set by AR_TIME (Bit 7 and Bit 6 of Register 0x09).
The maximum number of consecutive recovery attempts can be
set to one, three, seven, or unlimited attempts; this number is
set by MAX_AR (Bit 3 and Bit 2 of Register 0x08).
If the autorecovery feature is disabled or the maximum number
of attempts has been reached, the amplifier remains shut down
until a software reset or manual fault recovery attempt occurs.
The manual fault recovery is triggered by setting the write-only
bit, MRCV (Bit 4 of Register 0x08).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com