Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CBZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # SSM2518CBZ-R7
Description  Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CBZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button SSM2518CBZ-R7 Datasheet HTML 40Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 41Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 42Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 43Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 44Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 45Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 46Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 47Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 48 / 48 page
background image
SSM2518
Datasheet
Rev. B | Page 48 of 48
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
SSM2518CBZ-RL
−40°C to +85°C
16-Ball WLCSP
CB-16-13
SSM2518CBZ-R7
−40°C to +85°C
16-Ball WLCSP
CB-16-13
SSM2518CPZ
−40°C to +85°C
20-Lead LFCSP
CP-20-8
SSM2518CPZ-R7
−40°C to +85°C
20-Lead LFCSP
CP-20-8
SSM2518CPZ-RL
−40°C to +85°C
20-Lead LFCSP
CP-20-8
EVAL-SSM2518Z
Evaluation Board
1
Z = RoHS Compliant Part.
©2011–2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D10242-0-1/18(B)
www.analog.com/SSM2518



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com