Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CBZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # SSM2518CBZ-R7
Description  Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CBZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button SSM2518CBZ-R7 Datasheet HTML 25Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 26Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 27Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 28Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 29Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 30Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 31Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 32Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Datasheet
SSM2518
Rev. B | Page 29 of 48
SERIAL AUDIO INTERFACE CONTROL REGISTER
Address: 0x03, Reset: 0x00, Name: Serial_Interface_Control
Table 16. Bit Descriptions for Serial_Interface_Control
Bits
Bit Name
Settings
Description
Reset
Access
7
BCLK_GEN
Internal BCLK Generator Enable.
0x0
RW
0
Bit clock from BCLK pin is used
1
Internally generated bit clock is used
6
LRCLK_MODE
LRCLK Shape Selection. Required only for TDM modes.
0x0
RW
0
50% duty cycle
1
1-bit pulse
5
LRCLK_POL
LRCLK Polarity.
0x0
RW
0
Rising edge (normal)
1
Falling edge (inverted)
4
SAI_MSB
Serial Data Bit Order.
0x0
RW
0
MSB first
1
LSB first
[3:2]
SLOT_WIDTH
TDM Slot Width. Required only for TDM modes.
0x0
RW
00
32 BCLK cycles per slot
01
24 BCLK cycles per slot
10
16 BCLK cycles per slot
11
Reserved
1
BCLK_EDGE
BCLK Active Edge.
0x0
RW
0
Rising BCLK edge used
1
Falling BCLK edge used
0
RESERVED
Reserved.
0x0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com