Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1072RUTR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1072RUTR
Description  2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1072RUTR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMUX1072RUTR Datasheet HTML 10Page - Texas Instruments TMUX1072RUTR Datasheet HTML 11Page - Texas Instruments TMUX1072RUTR Datasheet HTML 12Page - Texas Instruments TMUX1072RUTR Datasheet HTML 13Page - Texas Instruments TMUX1072RUTR Datasheet HTML 14Page - Texas Instruments TMUX1072RUTR Datasheet HTML 15Page - Texas Instruments TMUX1072RUTR Datasheet HTML 16Page - Texas Instruments TMUX1072RUTR Datasheet HTML 17Page - Texas Instruments TMUX1072RUTR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
FLT
VOVP_THLD
0 V
0 V
20 V
COM1/COM2
COM1/COM2
COM1
NO2
COM2
NC2
NO1
NC1
USB
20 9 GRHVQ¶W UHDFK
rest of system
Device 1
Device 2
14
TMUX1072
SCDS382 – APRIL 2018
www.ti.com
Product Folder Links: TMUX1072
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
Figure 13. Protecting During a 20-V Short
Figure 14 is a waveform showing the voltage on the pins during an overvoltage scenario.
Figure 14. Overvoltage Protection Waveform, 20 V
8.4 Device Functional Modes
8.4.1 Pin Functions
Table 1. Function Table
OE
SEL1
SEL2
COM1 Connection
COM2 Connection
H
X
X
High-Z
High-Z
L
L
L
COM1 to NC1
COM2 to NC2
L
L
H
COM1 to NC1
COM2 to NO2
L
H
L
COM1 to NO1
COM2 to NC2
L
H
H
COM1 to NO1
COM2 to NO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com