Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1072RUTR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1072RUTR
Description  2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1072RUTR Datasheet(HTML) 3 Page - Texas Instruments

  TMUX1072RUTR Datasheet HTML 1Page - Texas Instruments TMUX1072RUTR Datasheet HTML 2Page - Texas Instruments TMUX1072RUTR Datasheet HTML 3Page - Texas Instruments TMUX1072RUTR Datasheet HTML 4Page - Texas Instruments TMUX1072RUTR Datasheet HTML 5Page - Texas Instruments TMUX1072RUTR Datasheet HTML 6Page - Texas Instruments TMUX1072RUTR Datasheet HTML 7Page - Texas Instruments TMUX1072RUTR Datasheet HTML 8Page - Texas Instruments TMUX1072RUTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1
SEL1
2
NO1
3
GND
4
NO2
5
SEL2
6
7
COM2
8
NC2
9
VCC
10
NC1
11
COM1
12
Not to scale
1
SEL1
10
COM1
2
NO1
9
NC1
3
GND
8
VCC
4
NO2
7
NC2
5
SEL2
6
COM2
Not to scale
3
TMUX1072
www.ti.com
SCDS382 – APRIL 2018
Product Folder Links: TMUX1072
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
RUT Package
12-Pin UQFN
Top View
DGS Package
10-Pin VSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
RUT
DGS
SEL1
1
1
I
Switch select 1
NO1
2
2
I/O
Signal path NO1
GND
3
3
GND
Ground
NO2
4
4
I/O
Signal path NO2
SEL2
5
5
I
Switch select 2
OE
6
-
I
Output enable (Active low)
COM2
7
6
I/O
Common signal path 2
NC2
8
7
I/O
Signal path NC2
VCC
9
8
PWR
Supply Voltage
NC1
10
9
I/O
Signal path NC1
COM1
11
10
I/O
Common signal path 1
FLT
12
-
O
Fault indicator output pin (Active low) - open drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com