Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1072RUTR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1072RUTR
Description  2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1072RUTR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMUX1072RUTR Datasheet HTML 3Page - Texas Instruments TMUX1072RUTR Datasheet HTML 4Page - Texas Instruments TMUX1072RUTR Datasheet HTML 5Page - Texas Instruments TMUX1072RUTR Datasheet HTML 6Page - Texas Instruments TMUX1072RUTR Datasheet HTML 7Page - Texas Instruments TMUX1072RUTR Datasheet HTML 8Page - Texas Instruments TMUX1072RUTR Datasheet HTML 9Page - Texas Instruments TMUX1072RUTR Datasheet HTML 10Page - Texas Instruments TMUX1072RUTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
TMUX1072
www.ti.com
SCDS382 – APRIL 2018
Product Folder Links: TMUX1072
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.6 Dynamic Characteristics
TA = –40°C to +85°C , VCC = 2.3 V to 5.5V, GND = 0V, Typical values are at VCC = 3.3 V, TA = 25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
COFF
COM1, COM2 off capacitance
VCOM1/2 = 0 or 3.3 V,
OE = VCC
f = TBD MHz
Switch OFF
1.2
TBD
6.2
pF
NC1, NO1, NC2, NO2 off
capacitance
VCOM1/2 = 0 or 3.3 V,
OE = VCC or OE = 0V with SEL1,
SEL2 (switch not selected)
f = TBD MHz
Switch OFF or
not selected
1.2
TBD
6.2
pF
CON
IO pins ON capacitance
VCOM1/2 = 0 or 3.3 V,
f = TBD MHz
Switch ON
1.4
TBD
6.2
pF
OISO
Differential off isolation
RL = 50 Ω
CL = 5 pF
f = 100 kHz
Refer to Off Isolation Figure
Switch OFF
TBD
dB
RL = 50 Ω
CL = 5 pF
f = TBD MHz
Refer to Off Isolation Figure
Switch OFF
TBD
dB
XTALK
Channel to Channel crosstalk
RL = 50 Ω
CL = 5 pF
f = 100 kHz
Refer to Crosstalk Figure
Switch ON
TBD
dB
BW
Bandwidth
RL = 50 Ω; Refer to BW and
Insertion Loss Figure
Switch ON
1.2
GHz
ILOSS
Insertion loss
RL = 50 Ω
f = TBD MHz; Refer to BW and
Insertion Loss Figure
Switch ON
TBD
dB
6.7 Timing Requirements
TA = –40°C to +85°C , VCC = 2.3 V to 5.5V, GND = 0V, Typical values are at VCC = 3.3 V, TA = 25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tswitch
Switching time between channels
(SEL1, SEL2 to output)
VCOM1/2 = VCC
Refer to Tswitch Timing Figure
RL = 50 Ω,
CL = 5 pF,
VCC = 2.3 V to 5.5 V
0.9
TBD
µs
ton
Device turn on time (OE to output)
VCOM1/2 = VCC
Refer to Ton and Toff Figure
200
TBD
µs
toff
Device turn off time (OE to output)
VCOM1/2 = VCC
Refer to Ton and Toff Figure
1
TBD
µs
tSK(P)
Skew of opposite transitions of
same output (between COM1 and
COM2)
VCOM1/2 = VCC
Refer to Tsk Figure
RL = 50 Ω,
CL = 1 pF,
VCC = 2.3 V to 5.5 V
9
TBD
ps
tpd
Propagation delay
VCOM1/2 = VCC
Refer to Tpd Figure
RL = 50 Ω,
CL = 5 pF,
VCC = 2.3 V to 5.5 V
200
TBD
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com