Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1072RUTR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1072RUTR
Description  2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1072RUTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMUX1072RUTR Datasheet HTML 6Page - Texas Instruments TMUX1072RUTR Datasheet HTML 7Page - Texas Instruments TMUX1072RUTR Datasheet HTML 8Page - Texas Instruments TMUX1072RUTR Datasheet HTML 9Page - Texas Instruments TMUX1072RUTR Datasheet HTML 10Page - Texas Instruments TMUX1072RUTR Datasheet HTML 11Page - Texas Instruments TMUX1072RUTR Datasheet HTML 12Page - Texas Instruments TMUX1072RUTR Datasheet HTML 13Page - Texas Instruments TMUX1072RUTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Switch
50
50
tPD
50 %
50 %
0.4 V
0 V
50 %
50 %
0.4 V
0 V
tPD
VCOM
VCOM
VNC/NO
VCOM
OE
RL
CL
VOE
VCOM
tEN_OVP
18 V
0 V
tREC_OVP
FLT
VCC
0 V
VPOS_THLD
10 %
10 %
Switch
Network Analyzer
Source
Signal
50
50
Source
Signal
50
50
50
50
VCOM1
VCOM2
10
TMUX1072
SCDS382 – APRIL 2018
www.ti.com
Product Folder Links: TMUX1072
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Parameter Measurement Information (continued)
Figure 8. BW and Insertion Loss
Figure 9. tEN_OVP and tDIS_OVP Timing Diagram
(1)
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr < 500
ps, tf < 500 ps.
(2)
CL includes probe and jig capacitance.
Figure 10. tPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com