Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1072RUTR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1072RUTR
Description  2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1072RUTR Datasheet(HTML) 5 Page - Texas Instruments

  TMUX1072RUTR Datasheet HTML 1Page - Texas Instruments TMUX1072RUTR Datasheet HTML 2Page - Texas Instruments TMUX1072RUTR Datasheet HTML 3Page - Texas Instruments TMUX1072RUTR Datasheet HTML 4Page - Texas Instruments TMUX1072RUTR Datasheet HTML 5Page - Texas Instruments TMUX1072RUTR Datasheet HTML 6Page - Texas Instruments TMUX1072RUTR Datasheet HTML 7Page - Texas Instruments TMUX1072RUTR Datasheet HTML 8Page - Texas Instruments TMUX1072RUTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
TMUX1072
www.ti.com
SCDS382 – APRIL 2018
Product Folder Links: TMUX1072
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC (1)
TMUX1072
UNIT
RUT (UQFN)
DGS (VSSOP)
12 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
127
175
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
55.5
61.2
°C/W
RθJB
Junction-to-board thermal resistance
67.7
96.9
°C/W
ψJT
Junction-to-top characterization parameter
1.6
8.2
°C/W
ψJB
Junction-to-board characterization parameter
67.3
95.1
°C/W
6.5 Electrical Characteristics
TA = –40°C to +85°C , VCC = 2.3 V to 5.5 V, GND = 0V, Typical values are at VCC = 3.3 V, TA = 25°C, (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VCC
Power supply voltage
2.3
5.5
V
ICC
Active supply current
OE = 0 V
SEL1, SEL2 = 0 V, 1.8 V or VCC
0 V < VI/O < 3.6 V
75
100
µA
Supply current during OVP condition
OE = 0 V
SEL1, SEL2 = 0 V, 1.8 V or VCC
VI/O > VPOS_THLD
65
100
µA
ICC_PD
Standby powered down supply
current
OE = 1.8 V or VCC
SEL1 = 0 V, 1.8 V, or VCC
SEL2 = 0 V, 1.8 V, or VCC
3
10
µA
DC Characteristics
RON
ON-state resistance
VI/O = 0 V to VCC
ISINK = 8 mA
Refer to ON-State Resistance Figure
6
15
Ω
ΔRON
ON-state resistance match between
channels
VI/O = 0 V to VCC
ISINK = 8 mA
Refer to ON-State Resistance Figure
0.07
0.3
Ω
RON (FLAT)
ON-state resistance flatness
VI/O = 0 V to VCC
ISINK = 8 mA
Refer to ON-State Resistance Figure
2.5
6
Ω
IOFF
I/O pin OFF leakage current
VCOM1/2 = 0 V or 3.6 V
VCC = 2.3 V to 5.5 V
VNC1/2 or VNO1/2 = 3.6 V or 0 V
Refer to Off Leakage Figure
3.6
µA
VCOM1/2 = 0 V or 20 V
VCC = 2.3 V to 5.5 V
VNC1/2 or VNO1/2 = 0 V
Refer to Off Leakage Figure
165
µA
ION
ON leakage current
VCOM1/2 = 0 V or 3.6 V
VNC1/2 and VNO1/2 = high-Z
Refer to On Leakage Figure
1.2
µA
Digital Characteristics
VIH
Input logic high
SEL1, SEL2, OE
1.4
V
VIL
Input logic low
SEL1, SEL2, OE
0.5
V
VOL
Output logic low
FLT
IOL = 3 mA
0.4
V
IIH
Input high leakage current
SEL1, SEL2, OE = 1.8 V, VCC
-1
2
5
μA
IIL
Input low leakage current
SEL1, SEL2, OE = 0 V
-1
±0.2
5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com