Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1072RUTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1072RUTR
Description  2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1072RUTR Datasheet(HTML) 4 Page - Texas Instruments

  TMUX1072RUTR Datasheet HTML 1Page - Texas Instruments TMUX1072RUTR Datasheet HTML 2Page - Texas Instruments TMUX1072RUTR Datasheet HTML 3Page - Texas Instruments TMUX1072RUTR Datasheet HTML 4Page - Texas Instruments TMUX1072RUTR Datasheet HTML 5Page - Texas Instruments TMUX1072RUTR Datasheet HTML 6Page - Texas Instruments TMUX1072RUTR Datasheet HTML 7Page - Texas Instruments TMUX1072RUTR Datasheet HTML 8Page - Texas Instruments TMUX1072RUTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
TMUX1072
SCDS382 – APRIL 2018
www.ti.com
Product Folder Links: TMUX1072
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(3)
All voltages are with respect to ground, unless otherwise specified.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VCC
Supply voltage(3)
–0.5
6
V
VI/O
Input/Output DC voltage (COM1, COM2)(3)
–0.5
20
V
Input/Output DC voltage (NC1, NO1, NC2, NO2) (3)
–0.5
6
V
VI
Digital input voltage (SEL1, SEL2, OE)
–0.5
6
V
VO
Digital output voltage (FLT)
–0.5
6
V
IK
Input-output port diode current (COM1,
COM2,NC1, NO1, NC2, NO2)
VIN < 0
–50
mA
IIK
Digital logic input clamp current (SEL1,
SEL2, OE) (3)
VI < 0
–50
mA
ICC
Continuous current through VCC
100
mA
IGND
Continuous current through GND
–100
mA
Tstg
Storage temperature
–65
150
°C
TJ
Operating Junction Temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage
2.3
5.5
V
VI/O
Analog input/output
COM1, COM2
0
18
V
VI/O
(NC1, NO1, NC2, NO2)
0
5.5
V
II/O
COM1, COM2
-50
50
mA
II/O
(NC1, NO1, NC2, NO2)
-50
50
mA
VI
Digital input voltage
SEL1, SEL2, OE
0
5.5
V
VO
Digital output voltage
FLT
0
5.5
V
II/O
Analog input/output port continuous current
(COM1, COM2, NC1, NO1,
NC2, NO2)
-50
50
mA
IOL
Digital output current
3
mA
TA
Operating free-air temperature
–40
85
ºC
TJ
Junction temperature
–40
125
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com