Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM7005 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCM7005 Datasheet HTML 12Page - Texas Instruments CDCM7005 Datasheet HTML 13Page - Texas Instruments CDCM7005 Datasheet HTML 14Page - Texas Instruments CDCM7005 Datasheet HTML 15Page - Texas Instruments CDCM7005 Datasheet HTML 16Page - Texas Instruments CDCM7005 Datasheet HTML 17Page - Texas Instruments CDCM7005 Datasheet HTML 18Page - Texas Instruments CDCM7005 Datasheet HTML 19Page - Texas Instruments CDCM7005 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
www.ti.com
S0078-01
V
CC
V
EE
VT = V
CC
–
2V
CDCM7005
Driver
LVPECL
Receiver
Z
= 50
O
W
50W
50W
Z
= 50
O
W
Yx
Yx
SPI CONTROL INTERFACE
CDCM7005
SCAS793A – JUNE 2005 – REVISED JUNE 2005
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 13. LVPECL Output Loading During Device Test
The serial interface of the CDCM7005 is a simple SPI-compatible interface for writing to the registers of the
device and consists of three control lines: CTRL_CLK, CTRL_DATA, and CTRL_LE. There are four 32-bit wide
registers, which can be addressed by the two LSBs of a transferred word (bit 0 and bit 1). Every transmitted word
must have 32 bits, starting with MSB first. Each word can be written separately. Bit 7, 8, 10, and Bit 12 to 31 of
Word 3 are reserved for factory test purposes and must be filled with zeros. The transfer is initiated with the
falling edge of CTRL_LE; as long as CTRL_LE is high, no data can be transferred. During CTRL_LE, low data
can be written. The data has to be applied at CTRL_DATA and has to be stable before the rising edge of
CTRL_CLK. The transmission is finished by a rising edge of CTRL_LE. With the rising edge of CTRL_LE, the
new word is asynchronously transferred to the internal register (e.g., N, M, P, ...). Each word has to be
separately transmitted by this procedure.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com