Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM7005 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CDCM7005 Datasheet HTML 13Page - Texas Instruments CDCM7005 Datasheet HTML 14Page - Texas Instruments CDCM7005 Datasheet HTML 15Page - Texas Instruments CDCM7005 Datasheet HTML 16Page - Texas Instruments CDCM7005 Datasheet HTML 17Page - Texas Instruments CDCM7005 Datasheet HTML 18Page - Texas Instruments CDCM7005 Datasheet HTML 19Page - Texas Instruments CDCM7005 Datasheet HTML 20Page - Texas Instruments CDCM7005 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
www.ti.com
T0061-01
CTRL_DATA
CTRL_LE
CTRL_CLK
t
h2
t
su5
t
su6
t
4
t
7
t
su1
t
3
Bit31 (MSB)
Bit2
Bit1
Bit0
Bit30
CDCM7005
SCAS793A – JUNE 2005 – REVISED JUNE 2005
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 14. Timing Diagram SPI Control Interface
The SPI serial protocol accepts word Write operation only. There is neither a read, acknowledge, nor a
handshake operation.
The following four words include the register settings of the programmable functions of the CDCM7005. It can be
modified to the customer application by changing one or more bits. It comes up with a default register setting
after power up or if the power down (PD) control signal is applied. The default setting is shown in column five of
the following words.
A low active function is shown as [0] and a high active function is shown as [1].
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com