Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM7005 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 18 Page - Texas Instruments

Back Button CDCM7005 Datasheet HTML 14Page - Texas Instruments CDCM7005 Datasheet HTML 15Page - Texas Instruments CDCM7005 Datasheet HTML 16Page - Texas Instruments CDCM7005 Datasheet HTML 17Page - Texas Instruments CDCM7005 Datasheet HTML 18Page - Texas Instruments CDCM7005 Datasheet HTML 19Page - Texas Instruments CDCM7005 Datasheet HTML 20Page - Texas Instruments CDCM7005 Datasheet HTML 21Page - Texas Instruments CDCM7005 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
www.ti.com
Word 0
CDCM7005
SCAS793A – JUNE 2005 – REVISED JUNE 2005
PARAMETER MEASUREMENT INFORMATION (continued)
BIT
BIT NAME
DESCRIPTION/FUNCTION
POWER UP
PIN AFFECTED
CONDITION
BGA
QFN
0
C0
Register Selection
0
1
C1
Register Selection
0
2
M0
Reference Divider M
Reference Divider M Bit 0
1
3
M1
Reference Divider M Bit 1
1
4
M2
Reference Divider M Bit 2
1
5
M3
Reference Divider M Bit 3
1
6
M4
Reference Divider M Bit 4
1
7
M5
Reference Divider M Bit 5
1
8
M6
Reference Divider M Bit 6
1
9
M7
Reference Divider M Bit 7
0
10
M8
Reference Divider M Bit 8
0
11
M9
Reference Divider M Bit 9
0
12
N0
VC(X)O Divider N
VCXO Divider N Bit 0
1
13
N1
VCXO Divider N Bit 1
1
14
N2
VCXO Divider N Bit 2
1
15
N3
VCXO Divider N Bit 3
1
16
N4
VCXO Divider N Bit 4
1
17
N5
VCXO Divider N Bit 5
1
18
N6
VCXO Divider N Bit 6
1
19
N7
VCXO Divider N Bit 7
0
20
N8
VCXO Divider N Bit 8
0
21
N9
VCXO Divider N Bit 9
0
22
N10
VCXO Divider N Bit 10
0
23
N11
VCXO Divider N Bit 11
0
24
DLYM0
Progr. Delay M
Reference Phase Delay M Bit 0
0
25
DLYM1
Reference Phase Delay M Bit 1
0
26
DLYM2
Reference Phase Delay M Bit 2
0
27
DLYN0
Progr. Delay N
Feedback Phase Delay N Bit 0
0
28
DLYN1
Feedback Phase Delay N Bit 1
0
29
DLYN2
Feedback Phase Delay N Bit 2
0
30
MANAUT
Manual or Auto Ref.
Manual Reference Clock Selection [0]
0
A1, B1
36, 37
Automatic Reference Clock Selection [1]
31
REFDEC
Freq. Detect
Reference Frequency Detection on [0], off [1] (1)
0
C8
23
(1)
If set to low, STATUS_REF will be in normal operation. If set to high, STATUS_REF will be high, even if no valid clock is
detected (<2 MHz). This is useful for reference inputs frequencies less than 2 MHz where the frequency detection circuitry normally
resets the STATUS_REF signal to low.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com