Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM7005 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 28 Page - Texas Instruments

Back Button CDCM7005 Datasheet HTML 24Page - Texas Instruments CDCM7005 Datasheet HTML 25Page - Texas Instruments CDCM7005 Datasheet HTML 26Page - Texas Instruments CDCM7005 Datasheet HTML 27Page - Texas Instruments CDCM7005 Datasheet HTML 28Page - Texas Instruments CDCM7005 Datasheet HTML 29Page - Texas Instruments CDCM7005 Datasheet HTML 30Page - Texas Instruments CDCM7005 Datasheet HTML 31Page - Texas Instruments CDCM7005 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
www.ti.com
B0058-01
PECL
Input
VCXO_IN
VCXO_IN
P Divider
÷ 3
÷ 4
÷ 6
/8
÷ 8
÷ 16
÷ 1
÷ 2
÷ 4
÷ 8
P16-Div
T0065-01
Reference Clock
VCXO Clock
Y-Output div4
Y-Output div4
(90 deg shift)
Y-Output div8
(90 deg shift)
90 deg
90 deg
Y-Output div8
90 deg
90 deg
LVCMOS Outputs
LVPECL Outputs
CDCM7005
SCAS793A – JUNE 2005 – REVISED JUNE 2005
The LVPECL outputs are designed to terminate in to a 50-
Ω load to V
CC– 2 V. The LVCMOS outputs supports
the standard LVCMOS load (see Figure 12). The LVPECL and LVCMOS outputs can be enabled (normal
operation) or disabled (3-state).
In addition, the output phase can be shifted by 90 degrees when using the additional div-by-4 or div-by-8 mode
of the P16-Div (see Figure 20). In the default mode (after power up), the div-by-16 mode of the P16-Div is active.
To change it to a 90 degree phase shift, bit 30 or bit 31 of word 1 has to be programmed accordingly. The P
16-Div has to be selected via the dedicated YxMUX to obtain the 90 degree phase shift. The outputs are
switched in pairs. When selecting the 90 degree phase shift mode, the div-by-16 functions will no longer be
available. The 90 degree phase shifted signal is lagging to the non-shifted signal.
Figure 20. 90 Degree Phase Shift Option of P-Divider
The following diagram shows the LVCMOS and LVPECL output signal when 90 degree phase shift is on.
Figure 21. Output Switching Diagram
In addition, the LVCMOS supports disabled-to-low and 180 degree output phase shift for each output individually.
When selecting the 180 degree phase shift together with the 90 degree phase shift, the respective outputs has a
total phase shift of 270 degree (see Table 2).
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com