Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM7005 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 2 Page - Texas Instruments

  CDCM7005 Datasheet HTML 1Page - Texas Instruments CDCM7005 Datasheet HTML 2Page - Texas Instruments CDCM7005 Datasheet HTML 3Page - Texas Instruments CDCM7005 Datasheet HTML 4Page - Texas Instruments CDCM7005 Datasheet HTML 5Page - Texas Instruments CDCM7005 Datasheet HTML 6Page - Texas Instruments CDCM7005 Datasheet HTML 7Page - Texas Instruments CDCM7005 Datasheet HTML 8Page - Texas Instruments CDCM7005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
www.ti.com
DESCRIPTION
CDCM7005
SCAS793A – JUNE 2005 – REVISED JUNE 2005
The CDCM7005 is a high-performance, low phase noise and low skew clock synchronizer that synchronizes a
VCXO (voltage controlled crystal oscillator) or VCO (voltage controlled oscillator) frequency to one of the two
reference clocks. The programmable pre-divider M and the feedback-dividers N and P give a high flexibility to the
frequency ratio of the reference clock to VC(X)O:
•
VC(X)O_IN / PRI_REF = (N x P) / M or
•
VC(X)O_IN / SEC_REF = (N x P) / M
VC(X)O_IN clock operates up to 2.2 GHz. Through the selection of external VC(X)O and loop filter components,
the PLL loop bandwidth and damping factor can be adjust to meet different system requirements.
The CDCM7005 can lock to one of two reference clock inputs (PRI_REF and SEC_REF), supports frequency
hold-over mode and fast-frequency-locking for fail-safe and increased system redundancy. The outputs of the
CDCM7005 are user definable and can be any combination of up to five LVPECL outputs or up to 10 LVCMOS
outputs. The LVCMOS outputs are arranged in pairs (Y0A:Y0B, Y1A:Y1B,
…), so that each pair has the same
frequency. But each output can be separately inverted and disabled. The built in synchronization latches ensure
that all outputs are synchronized for low output skew.
All device settings, like outputs signaling, divider value, input selection, and many more, are programmable by
SPI (3-wire serial peripheral interface). SPI allows individually control of the device settings.
The device operates in 3.3-V environment and is characterized for operation from –40
°C to 85°C.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com