Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM7005 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDCM7005 Datasheet HTML 15Page - Texas Instruments CDCM7005 Datasheet HTML 16Page - Texas Instruments CDCM7005 Datasheet HTML 17Page - Texas Instruments CDCM7005 Datasheet HTML 18Page - Texas Instruments CDCM7005 Datasheet HTML 19Page - Texas Instruments CDCM7005 Datasheet HTML 20Page - Texas Instruments CDCM7005 Datasheet HTML 21Page - Texas Instruments CDCM7005 Datasheet HTML 22Page - Texas Instruments CDCM7005 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
www.ti.com
Word 1
CDCM7005
SCAS793A – JUNE 2005 – REVISED JUNE 2005
BIT
BIT NAME
DESCRIPTION/FUNCTION
POWER UP
PIN AFFECTED
CONDITION
BGA
QFN
0
C0
Register Selection
1
1
C1
Register Selection
0
2
OUTSEL0
Output (Yx) Sig-
For Output Y0A, Y0B:
1
F1, G1
46, 47
naling Selection
LVPECL = enabled [1]; LVCMOS = enabled [0];
3
OUTSEL1
For Outputs Y1A, Y1B:
1
H2, H3
3, 4
LVPECL = enabled [1]; LVCMOS = enabled [0];
4
OUTSEL2
For Outputs Y2A, Y2B:
1
H4, H5
7, 8
LVPECL = enabled [1]; LVCMOS = enabled [0];
5
OUTSEL3
For Outputs Y3A, Y3B:
1
H6, H7
11, 12
LVPECL = enabled [1]; LVCMOS = enabled [0];
6
OUTSEL4
For Outputs Y4A, Y4B:
1
G8, F8
16,17
LVPECL = enabled [1]; LVCMOS = enabled [0];
7
OUT0A0
Output Y0 Mode
Output Y0A Mode Bit 0
0
F1
46
8
OUT0A1
Output Y0A Mode Bit 1
0
F1
46
9
OUT0B0
Output Y0B Mode Bit 0
0
G1
47
10
OUT0B1
Output Y0B Mode Bit 1
0
G1
47
11
OUT1A0
Output Y1 Mode
Output Y1A Mode Bit 0
0
H2
3
12
OUT1A1
Output Y1A Mode Bit 1
0
H2
3
13
OUT1B0
Output Y1B Mode Bit 0
0
H3
4
14
OUT1B1
Output Y1B Mode Bit 1
0
H3
4
15
OUT2A0
Output Y2 Mode
Output Y2A Mode Bit 0
0
H4
7
16
OUT2A1
Output Y2A Mode Bit 1
0
H4
7
17
OUT2B0
Output Y2B Mode Bit 0
0
H5
8
18
OUT2B1
Output Y2B Mode Bit 1
0
H5
8
19
OUT3A0
Output Y3 Mode
Output Y3A Mode Bit 0
0
H6
11
20
OUT3A1
Output Y3A Mode Bit 1
0
H6
11
21
OUT3B0
Output Y3B Mode Bit 0
0
H7
12
22
OUT3B1
Output Y3B Mode Bit 1
0
H7
12
23
OUT4A0
Output Y4 Mode
Output Y4A Mode Bit 0
0
G8
16
24
OUT4A1
Output Y4A Mode Bit 1
0
G8
16
25
OUT4B0
Output Y4B Mode Bit 0
0
F8
17
26
OUT4B1
Output Y4B Mode Bit 1
0
F8
17
27
SREF
Status Ref.
Displays the status of the reference clock at the
0
C8
23
STATUS_REF output [0]
Displays the selected clock (high for PRI_REF and
low for SEC_REF clock) at the STATUS_REF
output [1]
28
SXOIREF
Status VCXO or
Selects STATUS_VCXO [0]
0
D8, A8
22, 25
I_REF_CP
Selects I_REF_CP [1] which enable external refer-
ence resistor used for charge pump current and
analog PLL lock detect output current.
29
ADLOCK
Analog or Digital
Selects Digital PLL_LOCK [0]
0
A8
25
Lock
Selects Analog PLL_LOCK [1]
30
90DIV4
90 degree shift
90 degree output phase shift in div-4 mode on [1];
0
Yx
Yx
div-4
off [0](1)
31
90DIV8
90 degree shift
90 degree output phase shift in div-8 mode on [1];
0
Yx
Yx
div-8
off [0](1)
(1)
The P 16-Div has to be selected to obtain the 90 degree phase shift. If bit 30 or bit 31 is set, the Div-by-16 mode is no longer available.
The outputs are switched in pairs. Only one bit can be set at a time. If both bits set to [1] at the same time, no 90 degree phase shift
mode is selected (equal to off-mode setting).
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com