Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9848 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9848
Description  OCTAL CONFIGURABLE LOW/HIGH SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9848 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9848 Datasheet HTML 2Page - STMicroelectronics L9848 Datasheet HTML 3Page - STMicroelectronics L9848 Datasheet HTML 4Page - STMicroelectronics L9848 Datasheet HTML 5Page - STMicroelectronics L9848 Datasheet HTML 6Page - STMicroelectronics L9848 Datasheet HTML 7Page - STMicroelectronics L9848 Datasheet HTML 8Page - STMicroelectronics L9848 Datasheet HTML 9Page - STMicroelectronics L9848 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
L9848
6/18
Figure 1. DO loading for disable time measurement
Figure 2. Output loading for slew rate measurement
Figure 3. Output turn on/off delays and slew rates
1 k
Ω
DO
1 k
Ω
+5 V
1.0 V
4.0 V
0 V
tDOdis
CS
DO
VDD
600
Ω
3 nF
Vbatt
DRN1-8
600
Ω
3 nF
SRC1-6
High Side Configuration
Low Side Configuration
tDRN1-8delon
IN1-8*
IN1-8*
OUT1-8
OUT1-8
tDRN1-8deloff
tDRN1-8slewoff
tDRN1-8slewon
90%
10%
10%
90%
* IN1-4, 7, 8 are available on wafer only.
tSRC1-6deloff
OUT1-6
OUT1-6
tSRC1-6delon
tSRC1-6slewon
tSRC1-6slewoff
90%
10%
10%
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com