Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9848 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9848
Description  OCTAL CONFIGURABLE LOW/HIGH SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9848 Datasheet(HTML) 4 Page - STMicroelectronics

  L9848 Datasheet HTML 1Page - STMicroelectronics L9848 Datasheet HTML 2Page - STMicroelectronics L9848 Datasheet HTML 3Page - STMicroelectronics L9848 Datasheet HTML 4Page - STMicroelectronics L9848 Datasheet HTML 5Page - STMicroelectronics L9848 Datasheet HTML 6Page - STMicroelectronics L9848 Datasheet HTML 7Page - STMicroelectronics L9848 Datasheet HTML 8Page - STMicroelectronics L9848 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
L9848
4/18
ELECTRICAL CHARACTERISTCS
DC Characteristics
(Tj=-40°C to 150°C, VDD=4.75Vdc to 5.25Vdc, VBatt=9V to 18V, unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN5,6(ih)
VIN5,6(il)
IN5,6 Input Voltage
0.8
2.0
V
V
IIN5,6(il)
IIN5,6(ih)
IN5,6 Input Current
VIN5,6 = 0Vdc
VIN5,6 = VDD
30
|10|
100
µA
µA
VCS(ih)
VCS(il)
CS Input Voltage
0.8
2.0
V
V
ICS(il)
ICS(ih)
CS Input Current
VCS = 0Vdc
VCS = VDD
30
|10|
100
µA
µA
VSCLK(ih)
VSCLK(il)
SCLK Input Voltage
0.8
2.0
V
V
ISCLK(il)
ISCLK(ih)
SCLK Input Current
VSCLK = 0Vdc
VSCLK = VDD
|10|
|10|
µA
µA
VDI(ih)
VDI(il)
DI Input Voltage
0.8
2.0
V
V
IDI((il)
IDI((ih)
DI Input Current
VDI = 0Vdc
VDI = VDD
|10|
|10|
µA
µA
IVDD
VDD Current
All outputs ON
4.5
6
mA
IVDD
VDD Current
All outputs OFF
0.5
2.0
5.0
mA
VDO(ol)
VDO(oh)
DO Output Voltage
IDO=1.6mA
IDO=-200µA
VDD-0.8
0.4
V
V
IDO(zol)
IDO(zoh)
DO Tri-State Current
VDO = 0Vdc
VDO = VDD
|10|
|10|
µA
µA
IDRN1-8(lk)
DRN1-8 Leakage
Current (low side)
VDD=0.5Vdc, VSRC1-6=0Vdc, VDRN1-8=18Vdc
VDD=0.5Vdc, VSRC1-6=0Vdc, VDRN=35V
0.1
1.5
5
10
µA
µA
ISRC1-6(lk)
SRC1-6 Leakage
Current (high side)
VDD=0.5Vdc, VSRC1-6=0Vdc, VDRN1-8=18Vdc
VDD=0.5Vdc, VSRC1-6=0Vdc, VDRN=35V
-5
-10
-0.1
-1.5
µA
µA
IDRN1-8(Sink) DRN1-8 Current Sink
(low side)
VSRC1-6=0Vdc, DI=00h, VDRN1-8 = 18Vdc
VSRC1-6=0Vdc, DI=00h, VDRN=35V
50
50
60
80
100
µA
µA
ISRC1-6(Sour) SRC1-6 Current Source
(high side)
VSRC1-6=0Vdc, DI=00h, VDRN1-8 =18Vdc
VSRC1-6=0Vdc, DI=00h, VDRN=35V
-80
-100
-50
-60
-30
-30
µA
µA
IDRN1-8(Limit) DRN1-8 Current Limit
(low side)
VSRC1-6=0Vdc, DI=FFh, VDRN1-8 = 4-16Vdc
0.8
1.3
1.8
A
ISRC1-6(Limit) SRC1-6 Current Limit
(high side)
VSRC1-6=0-12Vdc, DI=FFh, VDRN1-8 = VBatt
-0.8
1.3
-1.8
A
VDRN1-8(Cl+) DRN1-8 Clamp Voltage
(low side)
VSRC1-6=0Vdc, DI=00h, IDRN1-8=10mA
35
45
55
V
VSRC1-6(Cl+)bat SRC1-6 Clamp Voltage
(high side)
VDRN1-8=25V DI=00h, IDRN1-8=10mA
VBatt–
45
V
VSRC1-6GND
VDRN = 10V; ISRC = -10mA
-36
-31
-27
V
VDRN1-8(Fault) DRN1-8 Fault Voltage
(low side)
VSRC1-6=0Vdc, DI=00h
0.9VDD
1.1VDD
V
VSRC1-
6(Fault)
SRC1-6 Fault Voltage
(high side)
VDRN1-8=VBatt, DI=00h
0.55VDD
0.65VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com