Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9848 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9848
Description  OCTAL CONFIGURABLE LOW/HIGH SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9848 Datasheet(HTML) 2 Page - STMicroelectronics

  L9848 Datasheet HTML 1Page - STMicroelectronics L9848 Datasheet HTML 2Page - STMicroelectronics L9848 Datasheet HTML 3Page - STMicroelectronics L9848 Datasheet HTML 4Page - STMicroelectronics L9848 Datasheet HTML 5Page - STMicroelectronics L9848 Datasheet HTML 6Page - STMicroelectronics L9848 Datasheet HTML 7Page - STMicroelectronics L9848 Datasheet HTML 8Page - STMicroelectronics L9848 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
L9848
2/18
PIN DESCRIPTION
Pin
Description
1
GND
Analog ground
2
VDD
5V supply input
3
DRN8
Drain of low side driver #8
4
SRC2
Source of configurable driver #2
5
DRN2
Drain of configurable driver #2
6
SRC1
Source of configurable driver #1
7
DRN1
Drain of configurable driver #1
8
NC
Not connected
9
IN6
PWM input for driver #6
10
SRC6
Source of configurable driver #6
11
DRN6
Drain of configurable driver #6
12
NC
Not connected
13
NC
Not connected
14
SCLK
SPI serial clock input
15
DI
SPI data in
16
CS
SPI chip select (active high)
17
NC
Not connected
18
DRN5
Source of configurable driver #5
19
SRC5
Drain of configurable driver #5
20
IN5
PWM input for driver #5
21
NC
Not connected
22
DRN3
Source of configurable driver #3
23
SRC3
Drain of configurable driver #3
24
DRN4
Source of configurable driver #4
25
SRC4
Drain of configurable driver #4
26
DRN7
Drain of low side driver #7
27
NC
Not connected
28
DO
SPI data out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com