Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9848 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9848
Description  OCTAL CONFIGURABLE LOW/HIGH SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9848 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9848 Datasheet HTML 9Page - STMicroelectronics L9848 Datasheet HTML 10Page - STMicroelectronics L9848 Datasheet HTML 11Page - STMicroelectronics L9848 Datasheet HTML 12Page - STMicroelectronics L9848 Datasheet HTML 13Page - STMicroelectronics L9848 Datasheet HTML 14Page - STMicroelectronics L9848 Datasheet HTML 15Page - STMicroelectronics L9848 Datasheet HTML 16Page - STMicroelectronics L9848 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13/18
L9848
FUNCTIONAL BLOCK DIAGRAM
Figure 6. L9848 with external components
+5VDC
TO CPU
FROM CPU
VDD
2
IN5
20
IN6
9
DI
15
CS
16
SCLK
14
DO
GND
28
1
C2
0.01
µF
(FAN OUT CAP
50nF)
DRN1
SRC1
DRN1
7
6
7
6
SRC1
or
DRN2
SRC2
DRN2
5
4
5
4
SRC2
or
DRN3
SRC3
DRN3
22
23
22
23
SRC3
or
DRN4
SRC4
DRN4
24
25
24
25
SRC4
or
DRN7
DRN8
DRN5
SRC5
DRN5
18
19
18
19
SRC5
or
DRN6
SRC6
DRN6
11
10
11
10
SRC6
or
100nF
100nF
100nF
100nF
VBATT
D02AT511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com