Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9848 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9848
Description  OCTAL CONFIGURABLE LOW/HIGH SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9848 Datasheet(HTML) 3 Page - STMicroelectronics

  L9848 Datasheet HTML 1Page - STMicroelectronics L9848 Datasheet HTML 2Page - STMicroelectronics L9848 Datasheet HTML 3Page - STMicroelectronics L9848 Datasheet HTML 4Page - STMicroelectronics L9848 Datasheet HTML 5Page - STMicroelectronics L9848 Datasheet HTML 6Page - STMicroelectronics L9848 Datasheet HTML 7Page - STMicroelectronics L9848 Datasheet HTML 8Page - STMicroelectronics L9848 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3/18
L9848
ABSOLUTE MAXIMUM RATINGS
For voltages and currents applied externally to the device. This part may be irreparably damaged if taken out-
side the specified absolute maximum rating range
(*) Internally limited
OPERATION CONDITIONS
This part may not operate if taken outside the maximum ratings. Once the condition is returned to within the
specified maximum rating or the power is re-cycled, the part will recover with no damage or degradation.
THERMAL DATA
(1) With 6cm2 on board heat sink area.
Symbol
Parameter
Value
Unit
VDD
Supply voltage
-0.3 to 7.0
V
Pin voltages
VCS, VDI, VDO, VSCLK
Data lines voltages
-0.3 to 7.0
V
VIN5, VIN6
Input voltages
-0.3 to 7.0
V
VSRC1 – VSRC8
Output DC voltages
-13.5 to 40
V
VDRN1 – VDRN6
Output DC voltages
-13.5 to 60 (*)
V
VSRC1 – VSRC8
Output transient voltages
-20 to 40
V
VDRN1 – VDRN6
Output transient voltages
-20 to 60
V
Eout 1-8
Max. dissipation energy (@ 300mA)
60
mJ
Symbol
Parameter
Value
Unit
VDD
Supply voltage
4.75 to 5.25
V
VBatt
Battery supply voltage
9 to 18
V
Iout
Output current (channel 1-8)
350
mA
Tj
Junction temperature
-40 to 150
°C
Symbol
Parameter
Value
Unit
Tst
Storage temperature
-65 to 150
°C
Rth(j-a)
Thermal resistance junction-ambient
max. 70
°C/W
Rth(j-a)
Thermal resistance junction-ambient(1)
max. 50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com