Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9848 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9848
Description  OCTAL CONFIGURABLE LOW/HIGH SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9848 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9848 Datasheet HTML 3Page - STMicroelectronics L9848 Datasheet HTML 4Page - STMicroelectronics L9848 Datasheet HTML 5Page - STMicroelectronics L9848 Datasheet HTML 6Page - STMicroelectronics L9848 Datasheet HTML 7Page - STMicroelectronics L9848 Datasheet HTML 8Page - STMicroelectronics L9848 Datasheet HTML 9Page - STMicroelectronics L9848 Datasheet HTML 10Page - STMicroelectronics L9848 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7/18
L9848
Figure 4. SPI input/output slew ratest
Figure 5. SPI timing diagram
FUNCTIONAL DESCRIPTION
General Features
The L9848 IC is a monolithic integrated circuit, which provides high flexibility for driving medium loads. 8 out-
puts, whereof 6 (Output1-6) can be used as either internal low or high side drives in any combination and 2 are
dedicated low side outputs (Output7-8). The use of this device reduces the I/O port requirements of the micro-
processor by having serially controlled outputs via a SPI interface. In addition, Output5-6 are capable of being
PWMed via an external pin (Input5-6). The 8bit SPI input is used to command the 8 output drivers either ON or
OFF and additional to indicate latched fault conditions that may have occurred. Multiple L9848s may be daisy-
chained with one additional microprocessor I/O port (CSn) for each device. The implemented self-configuration
allows the user to connect a high or low side load to any of these outputs and the L9848 will drive them correctly
tSCLKlm
tSCLKhm
tSCLKwid
tSCLKfall
tSCLKrise
SCLK
tCSfall
tCSrise
tDIfall
tDIrise
tDOfall
tDOrise
CS
DO
DI
10%
90%
10%
90%
90%
10%
10%
90%
MSB In
Bit 14 or 6
Bits 12 to 0
Bit 13 or 5
Fault MSB
Bits 6 to 1
Fault LSB
DI Data byte
tCSlead
tDOacc
tDIhs
tDIsus
tDOset
tCSlag
tDOdis
CS
SCLK
DO
DI
tDOhold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com