Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL6002ABO-TRG Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL6002ABO-TRG
Description  Low-Power, 8-bit, 3-Channel Analog to Digital Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL6002ABO-TRG Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL6002ABO-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2017
APL6002
www.anpec.com.tw
7
Pin Description
PIN
NO.
NA ME
FUNCTION
1
Aler t/ADDR
Addr ess Sel ectio n and Th ermal A lert. Conn ect a vo lta ge divider to sel ect the AP L600 2 I
2C address.
When an yon e of V
AINx is lo we r tha n se tting voltage, i t will pull low and send a lert s ign al to the sys tem
. Conn ect th is pin withou t any ca pacitor. Do not leav e Ale rt/ADDR pin floa ting.
2
AIN3
Anal og Volta ge In put 3 .
3
AIN2
Anal og Volta ge In put 2 .
4
AIN1
Anal og Volta ge In put 1 .
5
V DD
De vice po we r sup ply p in. Con nect this p in with 0.1uF capacitor.
6
GND
Sign al and Po wer G round . A ll th e voltage l eve ls a re me asured by reference to th is pin .
7
SCL
I
2 C interface Clock I/O pin. Connect this p in to I2C bus clock signal.
8
S DA
I
2 C interface Data I/O pin. Connect this pin to I2C bus data signal.
Block Diagram
I2C Interface
POR
A/D Converter
Control Logic
Timing Control
Reference
VDD
Alert/ADDR
SCL
SDA
AIN1
AIN2
AIN3
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com