Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL6002ABO-TRG Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL6002ABO-TRG
Description  Low-Power, 8-bit, 3-Channel Analog to Digital Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL6002ABO-TRG Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL6002ABO-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2017
APL6002
www.anpec.com.tw
2
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines
“Green” to mean lead-free (RoHS compliant)and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Absolute Maximum Ratings (Note 1)
S ymbol
P arame ter
Rating
Unit
VDD
VDD S uppl y Voltage, VDD to GND
- 0.3 ~ 6.0
V
V I/O
In put & O utput o r I/O (Aler t/ADDR, SCL, S DA, AIN1 , A IN2, AIN3) volta ges
-0.3 ~ VDD
V
PD
Power Dissipation
Inte rnall y Limited
W
TJ
Juncti on Temp erature
150
°C
T
STG
Sto rage Tempera tu re
- 65 ~ 150
°C
TSDR
Maxi mum L ead So lderi ng Temp erature(1 0 Secon ds)
260
°C
V ESD
Minimum ESD Rating
(Human B ody Mo de)
(MM Mod e)
±2
0.2
kV
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Thermal Characteristics
Symbol
P arame ter
Typical Va lue
Unit
θJA
Ju nctio n-to-Ambi ent Resista nce in fre e a ir (Note 2 )
230
°C/W
Note 2 :
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in
free air.
Symbol
P arame ter
Range
Unit
VDD
VDD Supp ly Voltage, VDD to GND
2.8 ~ 5.5
V
V I/O
Input & Output p ins ( Alert/ADDR, SCL, S DA ) vo ltag e
0 ~ VDD
V
V AIN
Input pins (AIN1 , A IN2, AIN3) voltage
1 ~ 3 .5 6
V
TA
Ambi ent Temper ature
-40 ~ 85
°C
T
J
Junction Tem perature
- 40 ~ 125
°C
Recommended Operating Conditions (Note 3)
Package Code
Temperature Range
Package Code
APL6002
Handling Code
Assembly Material
Operating Ambient Temperature Range
Handling Code
Assembly Material
A8 : SOT-23-8
I : -40 to 85
°C
TR : Tape & Reel
G : Halogen and Lead Free Device
APL6002 A8
X : Date Code
602X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com