Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL6002ABO-TRG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL6002ABO-TRG
Description  Low-Power, 8-bit, 3-Channel Analog to Digital Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL6002ABO-TRG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL6002ABO-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2017
APL6002
www.anpec.com.tw
8
Typical Application Circuit
The I2C Address Programming and Alert Flag functions are used.
The I2C Address is used as default and Alert Flag function is unused.
V
AINx = 1~3.56V is recommended.
R
INx and RNTCx = 10kΩ~10MΩ is recommended.
C
VDD, C1, C2 and C3 > 0.1uF is recommended.
R
SCL and RSDA = 1kΩ~10kΩ is recommended.
APL6002
Alert/ADDR
CVDD
VDD
VDD
GND
SCL
SDA
RSCL
RSDA
R1
R2
RIN3
RNTC3
C3
AIN1
AIN2
AIN3
RIN2
RNTC2
C2
RIN1
RNTC1
C1
VIN
APL6002
Alert/ADDR
CVDD
VDD
VDD
GND
SCL
SDA
RSCL
RSDA
R1
RIN3
RNTC3
C3
AIN1
AIN2
AIN3
RIN2
RNTC2
C2
RIN1
RNTC1
C1
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com