Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL6002ABO-TRG Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL6002ABO-TRG
Description  Low-Power, 8-bit, 3-Channel Analog to Digital Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL6002ABO-TRG Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL6002ABO-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2017
APL6002
www.anpec.com.tw
9
Function Description
Input Voltage and Power-On-Reset
The APL6002 can work normally and start monitoring the AINx voltage, when the supply voltage VDD is greater than the
POR. The POR threshold is 2.5V typically when the VDD rising.
I2C Interface Data Validity
The SCL voltage level can only be changed to Low to High,
when the SDA is stable unless the START and STOP status.
The SDA can only be changed the voltage level when the
SCL voltage is Low.
I2C Start and Stop Conditions
The START (S) condition is the SDA transient from High to
Low, when SCL is High. The STOP (P) condition is the SDA
transient from Low to High, when SCL is High. The STOP
condition must send before each START condition.
I2C Acknowledge
Each Address and Data are transmitted by using 8 clock
pulses with 1 clock pulse Acknowledge (A). The Acknowl-
edge is used for two purposes: one is the device that recog-
nizes its own address. Another one is all of the master and
slave to acknowledge receipt the register address or data.
The SDA will pull Low to acknowledge.
Read and Write Protocol
(S=START, P=STOP, A=ACK from Slave, NA=Non-ACK)
SDA
SCL
STOP (P)
START (S)
SDA
SCL
Bit 1
Bit 0
ACK
Slave SDA pull Low
Master SDA pull Low
SDA
SCL
7-Bit Slave Address
A
8-Bit Register Address
A
8-Bit Register Data for Address
A
S
P
MSB to LSB
MSB to LSB
MSB to LSB
Master Write to a Slave Register Example
0
(W)
SDA
SCL
7-Bit Slave Address
A
8-Bit Register Address
A
8-Bit Register Data for Address
NA
S
P
MSB to LSB
MSB to LSB
MSB to LSB
Master Read from a Slave Register Example
7-Bit Slave Address
A
MSB to LSB
S
0
(W)
1
(R)
SDA
SCL
SDA stable
SCL level Low
Data valid
Data change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com