Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL6002ABO-TRG Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL6002ABO-TRG
Description  Low-Power, 8-bit, 3-Channel Analog to Digital Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL6002ABO-TRG Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL6002ABO-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 14Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2017
APL6002
www.anpec.com.tw
11
Function Description (Cont.)
Alert Flag
The Alert Flag is used to indicate the system state.
When the setting condition is established at the AINx
voltage, the APL6002 will make the internal MOS in the
Alert pin turns on and pull low 50us every 2s cycle time.
Alert
Control
Logic
VDD
RAlert
Alert
Alert Threshold Level Setting
The Alert levels are set in the internal register by I2C interface shows as follows:
AIN1 Alert level set-up (TL1): Reg0x00[7] (MSB) ~ Reg0x00[0] (LSB)
AIN2 Alert level set-up (TL2): Reg0x01[7] (MSB) ~ Reg0x01[0] (LSB)
AIN3 Alert level set-up (TL3): Reg0x02[7] (MSB) ~ Reg0x02[0] (LSB)
If one of conditions is established include TL1>TD1, TL2>TD2 or TL3>TD3, the Alert function will be enabled, and the
Alert Indication of internal resistor Reg0x06[6:4] will be set to 1 that shows as below:
If the Reg0x00 (TL1) > Reg0x03 (TD1), than the bit Reg0x06[4] = 1, else the bit Reg0x06[4] = 0
If the Reg0x01 (TL2) > Reg0x04 (TD2), than the bit Reg0x06[5] = 1, else the bit Reg0x06[5] = 0
If the Reg0x02 (TL3) > Reg0x05 (TD3), than the bit Reg0x06[6] = 1, else the bit Reg0x06[6] = 0
Chip ID: Reg0xB2[7:0] = 0x1A
I2C Registers Summary
Bi ts
Re gister
Add ress
Re gister
Na me
D7
D6
D5
D4
D3
D2
D1
D0
Re ad/
Write
De fa ult
Value
0x00
TL1
TL 1[7:0 ]
R/W
00h
0x01
TL2
TL 2[7:0 ]
R/W
00h
0x02
TL3
TL 3[7:0 ]
R/W
00h
0x03
TD1
TD1 [7:0]
R
00h
0x04
TD2
TD2 [7:0]
R
00h
0x05
TD3
TD3 [7:0]
R
00h
0x06
ALT
Re ve rsed
A M3
AM2
AM1
Reversed
R
00h
0xB 2
Chi p ID
Chip ID = 0 x1A
R
1A h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com