Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL6002ABO-TRG Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL6002ABO-TRG
Description  Low-Power, 8-bit, 3-Channel Analog to Digital Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL6002ABO-TRG Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL6002ABO-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2017
APL6002
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
Timing characteristics for I2C Interface signals over recommended operating conditions (unless otherwise noted)
Fast Spee d
S ymbol
P arame ter
Min.
Ma x.
Unit
fSCL
Fr eque ncy, SCL
-
400
kHz
tW(H)
Pul se Dura tio n, SCL High
600
-
ns
tW(L)
Pu lse Dura ti on, S CL Low
13 00
-
ns
tr
Rise Time , SCL and SDA
20+0.1 CL(pF)
300
ns
tf
Fal l Time, SCL and SDA
20+0.1 CL(pF)
300
ns
tsetup1
Setup Time , SCL to SDA
100
-
ns
thold1
Hold Time, SCL to S DA
100
-
ns
t
(b uf)
Bus Free Time Between Stop and Start Con dition
13 00
-
ns
tsetup2
S etup Time, SCL to Start Co ndition
600
-
ns
thold2
Hold Time , Star t condition to SCL
600
-
ns
tsetup3
Setup Time , SCL to Sto p Co ndition
600
-
ns
C
L
Lo ad Ca pacitance fo r E ach B us L ine
-
400
p F
SDA
SCL
tW(H)
tW(L)
tf
tr
tsetup1
thold1
SDA and SCL Timing
SDA
SCL
tsetup2
thold2
Start Condition
tsetup3
t(buf)
Stop Condition
Start and Stop Condition Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com