Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6902 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6902
Description  Multiphase Oscillator with Spread Spectrum Frequency Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6902 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6902 Datasheet HTML 4Page - Linear Technology LTC6902 Datasheet HTML 5Page - Linear Technology LTC6902 Datasheet HTML 6Page - Linear Technology LTC6902 Datasheet HTML 7Page - Linear Technology LTC6902 Datasheet HTML 8Page - Linear Technology LTC6902 Datasheet HTML 9Page - Linear Technology LTC6902 Datasheet HTML 10Page - Linear Technology LTC6902 Datasheet HTML 11Page - Linear Technology LTC6902 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC6902
8
6902f
THEORY OF OPERATIO
As shown in the Block Diagram, the LTC6902’s master
oscillator is controlled by the ratio of the voltage between
the V+ and SET pins (V+ – VSET) and the current entering
the master oscillator, IMASTER. When the spread spectrum
frequency modulation (SSFM) is disabled, IMASTER is
strictly determined by the V+ – VSET voltage and the ISET
current. When SSFM is enabled, the current IMOD (modu-
lation current) is subtracted from the ISET current to
determine the IMASTER current value. Here the IMASTER
current is maximally at ISET but more often than not it is
less than ISET by a value determined by the IMOD value. In
this way the frequency of the master oscillator is modu-
lated to produce a frequency that is always less than or
equal to the frequency set by the ISET current.
The voltage on the SET pin is forced to approximately 1.1V
below V+ by the PMOS transistor and its gate bias voltage.
This voltage is accurate to
±8% at a particular input
current and supply voltage (see Figure 2). The RSET
resistor, connected between the V+ and SET pins, locks
together the (V+ – VSET) voltage and the current ISET. This
allows the parts to attain excellent frequency accuracy
regardless of the precision of the SET pin voltage. The
LTC6902 is optimized for use with RSET resistors between
10k and 2M. This corresponds to master oscillator fre-
quencies between 100kHz and 20MHz. Additionally, the
MOD pin’s voltage tracks the SET pin’s voltage. The RMOD
resistor connected between the V+ and MOD pins similarly
locks together the MOD pin voltage variation and the IMOD
current to once more yield excellent accuracy.
The master oscillator’s output is connected to the pro-
grammable divider. The output of the programmable
divider is then connected to the multiphase circuit with its
four outputs directly connected to output drivers. The final
output frequency is determined by the RSET resistor value,
the programmable divider setting and the multiphase
mode selected. The formula for setting the output fre-
quency, fOUT, is below:
f
MHz
NM
k
R
OUT
SET
=•
Ω


10
20
•
where:
N
Open
V
M
H
Open
HV
=
=
=
=
=
=
=
=
+
+
100
10
1
4
3
1
DIV Pin
V
DIV Pin
DIV Pin
0
(4 - Phase Output) PH Pin
V
(3 - Phase Output) P Pin
(2 - Phase Output) P Pin
0
When the spread spectrum frequency modulation (SSFM)
is disabled, the frequency fOUT is the final output fre-
quency. When SSFM is enabled, fOUT is the maximum
output frequency with the RMOD resistor value determin-
ing the minimum output frequency.
The programmable divider divides the master oscillator
signal by 1, 10 or 100. The divide-by value is determined
by the state of the DIV input (Pin 2). Tie DIV to GND or drive
it below 0.5V to select
÷1. This is the highest frequency
range, with the master output frequency passed directly to
the multiphase circuit. The DIV pin may be floated or
driven to midsupply to select
÷10, the intermediate fre-
quency range. The lowest frequency range,
÷100, is se-
lected by tying DIV to V+ or driving it to within 0.4V of V+.
Figure 3 shows the relationship between RSET, divider
setting and output frequency, including the overlapping
frequency ranges near 100kHz and 1MHz.
The multiphase circuit generates outputs that are either
2-, 3- or 4-phase waveforms. To generate the 3- and
4-phase output signals, the output from the programmable
Figure 2. V+ – VSET Variation with IRES
IRES (µA)
1
0.1
0.8
1.2
1.3
1.4
10
100
1000
69012 F02
1.1
1.0
0.9
V+ = 5V
V+ = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com