Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6902 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6902
Description  Multiphase Oscillator with Spread Spectrum Frequency Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6902 Datasheet(HTML) 1 Page - Linear Technology

  LTC6902 Datasheet HTML 1Page - Linear Technology LTC6902 Datasheet HTML 2Page - Linear Technology LTC6902 Datasheet HTML 3Page - Linear Technology LTC6902 Datasheet HTML 4Page - Linear Technology LTC6902 Datasheet HTML 5Page - Linear Technology LTC6902 Datasheet HTML 6Page - Linear Technology LTC6902 Datasheet HTML 7Page - Linear Technology LTC6902 Datasheet HTML 8Page - Linear Technology LTC6902 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC6902
1
6902f
s
2-, 3- or 4-Phase Outputs
s
Optional Spread Spectrum Frequency Modulation
for Improved EMC Performance
s
5kHz to 20MHz Frequency Range
s
One External Resistor Sets the Frequency
s
One External Resistor Sets Percent Frequency
Spreading
s
400
µA Typical Supply Current, VS = 3V, 1MHz
s
Frequency Error
≤1.5% Max, 5kHz to 10MHz
(TA = 25°C)
s
Frequency Error
≤2% Max, 5kHz to 10MHz
(TA = 0°C to 70°C)
s
±40ppm/°C Temperature Stability
s
Fast Start-Up Time: 50
µs to 1.5ms
s
100
Ω CMOS Output Driver
s
Operates from a Single 2.7V to 5.5V Supply
s
Available in 10-Lead MS Package
Multiphase Oscillator
with Spread Spectrum
Frequency Modulation
s
Switching Power Supply Clock Reference
s
Portable and Battery-Powered Equipment
s
PDAs
s
Cell Phones
s
Clocking Switched Capacitor Filters
The LTC
®6902 is a precision, low power and easy-to-use
oscillator that provides multiphase outputs in a small
package. The oscillator frequency is set by a single exter-
nal resistor (RSET). The LTC6902 also provides an optional
spread spectrum frequency modulation (SSFM) capability
that can be activated and controlled by an additional
external resistor (RMOD).
The LTC6902’s master oscillator is controlled by the RSET
resistor and has a range of 100kHz and 20MHz. In order
to accommodate a wider output frequency range, a pro-
grammable divider (divide by 1, 10 or 100) is included.
The integrated programmable multiphase circuit pro-
vides either 2-, 3- or 4-phase waveforms.
The LTC6902’s SSFM capability modulates the oscillator’s
frequency by a pseudorandom noise (PRN) signal to
spread the oscillator’s energy over a wide frequency band.
This spreading decreases the peak electromagnetic radia-
tion level and improves electromagnetic compatibility
(EMC) performance. The amount of frequency spreading
is programmable by a single additional external resistor
(RMOD) and is disabled by grounding the MOD pin.
, LTC and LT are registered trademarks of Linear Technology Corporation.
V+
DIV
PH
OUT1
OUT2
OUT4
OUT3
OUT2
OUT1
SET
MOD
GND
OUT4
OUT3
LTC6902
RSET 10k
RMOD 10k
5V
OPEN
6902 TA01
0.1
µF
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
500kHz, 4-Phase Clock with 20% Frequency Spreading
FREQUENCY (kHz)
–40
–20
0
6902 TA02
–60
–80
–100
400
450
550
600
500
OUTPUT
SPECTRUM
WITH 20%
SPREADING
OUTPUT
SPECTRUM
WITH SSFM
DISABLED
Output Frequency Spectrum With and Without SSFM


Similar Part No. - LTC6902

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6902 LINER-LTC6902 Datasheet
1Mb / 28P
Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
logo
Analog Devices
LTC6902 AD-LTC6902 Datasheet
643Kb / 14P
Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
Rev. D
LTC6902 AD-LTC6902 Datasheet
575Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
Rev. C
logo
Linear Technology
LTC6902 LINER-LTC6902_15 Datasheet
213Kb / 16P
Multiphase Oscillator with Spread Spectrum Frequency Modulation
More results

Similar Description - LTC6902

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
Multiphase Spread-Spectrum EconOscillator
logo
Linear Technology
LTC6909 LINER-LTC6909 Datasheet
282Kb / 20P
1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
logo
Linear Dimensions Semic...
LT3795 LINEAR_DIMENSIONS-LT3795 Datasheet
438Kb / 28P
110V LED Controller with Spread Spectrum Frequency Modulation
logo
Linear Technology
LTC6908-1 LINER-LTC6908-1_15 Datasheet
253Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6902 LINER-LTC6902_15 Datasheet
213Kb / 16P
Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6909 LINER-LTC6909_15 Datasheet
312Kb / 22P
1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
LT3795 LINER-LT3795_15 Datasheet
589Kb / 30P
110V LED Controller with Spread Spectrum Frequency Modulation
logo
Texas Instruments
TPS92692 TI1-TPS92692 Datasheet
1Mb / 55P
High Accuracy LED Controller With Spread Spectrum Frequency Modulation
logo
Linear Technology
LT3795 LINER-LT3795 Datasheet
398Kb / 8P
110V LED Controller with Spread Spectrum Frequency Modulation
logo
Maxim Integrated Produc...
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com