Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6902 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6902
Description  Multiphase Oscillator with Spread Spectrum Frequency Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6902 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6902 Datasheet HTML 5Page - Linear Technology LTC6902 Datasheet HTML 6Page - Linear Technology LTC6902 Datasheet HTML 7Page - Linear Technology LTC6902 Datasheet HTML 8Page - Linear Technology LTC6902 Datasheet HTML 9Page - Linear Technology LTC6902 Datasheet HTML 10Page - Linear Technology LTC6902 Datasheet HTML 11Page - Linear Technology LTC6902 Datasheet HTML 12Page - Linear Technology LTC6902 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC6902
9
6902f
divider goes through further division. In addition to fur-
ther division, the duty cycle of the output depends on the
multiphase mode selected. Figure 4 shows the waveform
at each output for 2-, 3- and 4-phase modes.
2-Phase Mode
In 2-phase mode, all outputs are nominally 50% duty
cycle. OUT1 and OUT2 are 180 degrees out of phase.
Stated differently, OUT2 is OUT1 inverted. However, OUT2
THEORY OF OPERATIO
is not simply OUT1 routed through a standard logic
inverter. This would lead to substantial delay for OUT2’s
transitions from OUT1’s transitions. OUT1 and OUT2 are
created by a delay matched inverting circuit. Apart from
the basic inversion, the delay matching is determined by
analog circuit parameters. With this type of design, OUT1
and OUT2 transitions are typically within 100ps. OUT3 and
OUT4 are replications of OUT1 and OUT2 respectively.
Since the two phases are generated via delay matched
inverters, there is not any further division and the param-
eter M in the frequency setting equation is 1 (M = 1).
3-Phase Mode
In 3-phase mode, OUT1, OUT2 and OUT3 are active and all
three outputs have a 33.3% duty cycle. OUT4 is not active
and is at a logic low state. The three active outputs are all
120 degrees out of phase. OUT2 lags OUT1 by 120 degrees
and OUT3 lags OUT2 by 120 degrees. The signals are
generated by a shift register. The output frequency is the
programmable divider’s output further divided 3 (M = 3).
4-Phase Mode
In 4-phase mode, all outputs have a 50% duty cycle. The
outputs are all 90 degrees out of phase. OUT2 lags OUT1
Figure 3. RSET vs Desired Output Frequency
(PH = GND, 2-Phase, M = 1)
OUT1
2-PHASE, PH = GND
OUT2
OUT3
OUT4
OUT1
3-PHASE, PH = OPEN
OUT2
OUT3
OUT4
OUT1
4-PHASE, PH = V+
OUT2
OUT3
OUT4
M = 1
DUTY CYCLE = 50%
M = 3
DUTY CYCLE = 33%
(OUT4 = LOGIC LOW)
M = 4
DUTY CYCLE = 50%
69012 F04
Figure 4. Mulitphase Output Waveforms
DESIRED OUTPUT FREQUENCY (Hz)
10
100
1k
100k
1M
10M
69012 F03
1
10k
10000
1000
100M
÷100
÷10
÷1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com